Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECF504-BAS. Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ECF504-BAS.
Description  USB B-A PANEL ADPT SHIELDED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ECF504-BAS. Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ECF504-BAS. Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.675
17.15
22.99
.905
1.142
29.00
RoHS Compliant 
PANEL CUTOUT
RECOMMENDED
2X #4-40 UNC-2B
NOTES:
MATERIAL:
COUPLER HOUSING: ABS, UL94V-0.
CONNECTOR INSULATORS: WHITE, PBT WITH GLASS FIBER.
TYPE "A" CONNECTOR CONTACTS: PHOSPHOR BRONZE.
TYPE "A" CONNECTOR SHELL: BRASS.
TYPE "B" CONNECTOR CONTACTS: PHOSPHOR BRONZE.
TYPE "B" CONNECTOR SHELL FRONT: BRASS.
TYPE "B" CONNECTOR SHELL BACK: STEEL.
PCB: EPOXY GLASS FP-4, 94V-0 FLAMMABILITY RATING.
FINISH:
COUPLER HOUSING: CHROME.
CONNECTOR CONTACTS: GOLD, 30µ INCHES.
CONNECTOR SHELLS: NICKEL.
ELECTRICAL:
CURRENT RATING: 2 AMP MAX.
VOLTAGE RATING: 140 VDC.
ENVIRONMENTAL:
OPERATING TEMPERATURE: -20 C TO +80 C.
MISCELLANEOUS:
COUPLER SHALL BE TESTED FOR CONTINUITY.
COUPLER SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM PACKAGING SPEC PS-0031.
UNDIMENSIONED FEATURES
D.PARHAM
UNLESS OTHERWISE SPECIFIED,
A
B
USB B-A PANEL ADPT SHIELDED
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
C.MCCORMICK
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
ECN 6485: RETURN TO GLUED VERSION. PRODUCT NOT TOOLED.
8
ECF504-BAS
G
ECF504-BAS.SLDDRW
11
11/12/2003
REVISIONS
DESCRIPTION
APPROVED
REV
11/12/2003
DATE
R. CARRICK
11/12/2003
10/12/12
E
F
ECN 6458: USE NEW LOGO
MAY OCCUR
10/24/12
D.FRISIELLO
D.FRISIELLO
G
ECN 6692: REVISED MODEL FROM GLUED TO SNAP-ON COVERS
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
2/19/13
DIMENSIONS ARE IN INCHES [mm]
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
USB
PROJECTION
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
.10
2.5
.43
10.8
1.48
37.7
PIN 4
"J1"
JACK
USB TYPE "B"
PIN 1
PIN 2
PIN 3
G
19.1
.75
3.18
.125
2X
1.40
35.6
1.142
29.00
PIN 4
PIN 1
USB TYPE "A"
JACK
"J2"
+ DATA
CONNECTOR SHELL
"J2"
1
2
3
4
2
1
3
4
"J1"
CONNECTOR SHELL
GROUND
HOUSING
POWER
- DATA
WIRING MAP


Similar Part No. - ECF504-BAS.

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ECF504-BAS L-COM-ECF504-BAS Datasheet
62Kb / 1P
USB B-A PANEL ADPT SHIELDED
11/12/2003
ECF504-BAS-HR L-COM-ECF504-BAS-HR Datasheet
64Kb / 1P
USB A-B PNL ADPT SHLD HI-RET
8/5/14
More results

Similar Description - ECF504-BAS.

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0142 MOLEXKITS-76650-0142 Datasheet
38Kb / 2P
USB Type A and B Shielded Panel Mount Plug, Receptacle and Cable, IP-67
logo
Molex Electronics Ltd.
0687840002 MOLEX8-0687840002 Datasheet
114Kb / 2P
USB Shielded I/O Cable Assembly, USB A-to-Micro-USB B, 1.5m (4.92 ) Length
logo
Qualtek Electronics Cor...
3023009-01M QUALTEK-3023009-01M Datasheet
557Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
3023021-02M QUALTEK-3023021-02M Datasheet
556Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
3023033-03M QUALTEK-3023033-03M Datasheet
554Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
logo
Assmann Electronics Inc...
A-USB-2 ASSMANN-A-USB-2 Datasheet
42Kb / 1P
USB A FEMALE-USB B MALE
A-USB-3 ASSMANN-A-USB-3 Datasheet
41Kb / 1P
USB A MALE-USB B FEMALE
A-USB-3-R ASSMANN-A-USB-3-R Datasheet
86Kb / 1P
USB B - USB A ADAPTER
A-USB-1 ASSMANN-A-USB-1 Datasheet
138Kb / 1P
USB B Female <=> USB A Female ADAPTER
logo
Molex Electronics Ltd.
0887328600 MOLEX1-0887328600 Datasheet
33Kb / 1P
USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com