Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCA-SSCASTAS Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FCA-SSCASTAS
Description  SC/APC-ST/APC ARMORED 3.0mm LSZH BLACK FIBER OPTIC PATCH CORD SM G652D SIMPLEX
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

FCA-SSCASTAS Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FCA-SSCASTAS Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JJOHNSTON
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
LENGTH
SC CONNECTOR
ST CONNECTOR
3.0 0.2mm SIMPLEX G652D
FIBER OPTICAL CABLE
ARMOURED LSZH, BLACK
NOTES:
SC CONNECTOR 1 ASSEMBLY POLISH TYPE: APC.
1.
ST CONNECTOR 1 ASSEMBLY POLISH TYPE: APC.
2.
ALL CONNECTORS ACCOMPANIED WITH A DUST CAP
3.
INSTALLED (NOT SHOWN).
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED.
4.
PART NUMBER
LENGTH
METER [FEET]
FCA-SSCASTAS2
2.0 [6.56]
FCA-SSCASTAS5
5.0 [16.40]
FCA-SSCASTAS10
10.0 [32.81]
FCA-SSCASTAS15
15.0 [49.21]
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
FCA-SSCASTAS
A
1
1
JJOHNSTON
1/25/22
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
1/25/22
1/25/2022
A
INITIAL RELEASE
JJOHNSTON
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
SC/APC-ST/APC ARMORED 3.0mm LSZH BLACK
FIBER OPTICS
UNLESS OTHERWISE SPECIFIED,
DMAY
COLOR VARIATIONS
MAY OCCUR
1/14/22
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: FCA-SSCASTAS.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]
FIBER OPTIC PATCH CORD SM G652D SIMPLEX


Similar Part No. - FCA-SSCASTAS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FCA-SSCUSCUD L-COM-FCA-SSCUSCUD Datasheet
131Kb / 1P
SC/UPC-SC/UPC ARMORED 4.8mm LSZH BLACK FIBER OPTIC PATCH CORD SM G652D DUPLEX
1/25/22
FCA-SSCUSCUD10 L-COM-FCA-SSCUSCUD10 Datasheet
131Kb / 1P
SC/UPC-SC/UPC ARMORED 4.8mm LSZH BLACK FIBER OPTIC PATCH CORD SM G652D DUPLEX
1/25/22
FCA-SSCUSCUD15 L-COM-FCA-SSCUSCUD15 Datasheet
131Kb / 1P
SC/UPC-SC/UPC ARMORED 4.8mm LSZH BLACK FIBER OPTIC PATCH CORD SM G652D DUPLEX
1/25/22
FCA-SSCUSCUD2 L-COM-FCA-SSCUSCUD2 Datasheet
131Kb / 1P
SC/UPC-SC/UPC ARMORED 4.8mm LSZH BLACK FIBER OPTIC PATCH CORD SM G652D DUPLEX
1/25/22
FCA-SSCUSCUD5 L-COM-FCA-SSCUSCUD5 Datasheet
131Kb / 1P
SC/UPC-SC/UPC ARMORED 4.8mm LSZH BLACK FIBER OPTIC PATCH CORD SM G652D DUPLEX
1/25/22
More results

Similar Description - FCA-SSCASTAS

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106273-0701 MOLEX11-106273-0701 Datasheet
52Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0702 MOLEX11-106273-0702 Datasheet
52Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0703 MOLEX11-106273-0703 Datasheet
52Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0704 MOLEX11-106273-0704 Datasheet
52Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0705 MOLEX11-106273-0705 Datasheet
52Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0706 MOLEX11-106273-0706 Datasheet
52Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0707 MOLEX11-106273-0707 Datasheet
52Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730702 MOLEX1-1062730702 Datasheet
49Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730704 MOLEX1-1062730704 Datasheet
49Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730705 MOLEX1-1062730705 Datasheet
49Kb / 1P
SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com