Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOC-IPMF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FOC-IPMF
Description  IP68 MPO FEMALE CONNECTOR WITH LOCK RING, 4.5-6.2mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

FOC-IPMF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FOC-IPMF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHOSPODAR
4.69
119.2
.91
23.0
4.29
108.9
1.24
31.5
INTERNAL CONN DUST COVER
INCLUDED, NOT SHOWN
SHOWN WITH DUST CAP &
LANYARD, NOT INCLUDED.
L-com PN: FOC-IPCOCAP
NOTES:
1. ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
FIBER TYPE
FIBER CABLE JACKET DIAMETER OPTIONS
4.5-4.9mm
5.8-6.2mm
12 FIBER MM LOW LOSS FOC-IPMF1M-L48N
FOC-IPMF1M-L60N
12 FIBER MM STANDARD FOC-IPMF1M-S48N
FOC-IPMF1M-S60N
12 FIBER SM LOW LOSS
FOC-IPMF1S-L48N
FOC-IPMF1S-L60N
12 FIBER SM STANDARD FOC-IPMF1S-S48N
FOC-IPMF1S-S60N
24 FIBER MM LOW LOSS FOC-IPMF2M-L48N
FOC-IPMF2M-L60N
24 FIBER MM STANDARD FOC-IPMF2M-S48N
FOC-IPMF2M-S60N
24 FIBER SM STANDARD FOC-IPMF2S-S48N
FOC-IPMF2S-S60N
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
FOC-IPMF
A
1
1
DFRISIELLO
06/03/2020
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
06/03/2020
06/03/2020
A
INITIAL RELEASE
PHOSPODAR
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
IP68 MPO FEMALE CONNECTOR
WITH LOCK RING, 4.5-6.2mm
FIBER OPTIC
UNLESS OTHERWISE SPECIFIED,
DZINN
COLOR VARIATIONS
MAY OCCUR
06/03/2020
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: FOC-IPMF.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]


Similar Part No. - FOC-IPMF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FOC-IPADCAP L-COM-FOC-IPADCAP Datasheet
103Kb / 1P
IP68 Rated Dust Cap for FO series couplers
05/28/2020
FOC-IPCOCAP L-COM-FOC-IPCOCAP Datasheet
88Kb / 1P
IP68 Rated Dust Cap for FOC-IP series connectors
05/07/2020
FOC-IPSC L-COM-FOC-IPSC Datasheet
112Kb / 1P
IP68 RATED SC CONNECTOR, 4.5-7.2mm
06/03/2020
FOC-IPSCMM-48D L-COM-FOC-IPSCMM-48D Datasheet
112Kb / 1P
IP68 RATED SC CONNECTOR, 4.5-7.2mm
06/03/2020
FOC-IPSCMM-48N L-COM-FOC-IPSCMM-48N Datasheet
112Kb / 1P
IP68 RATED SC CONNECTOR, 4.5-7.2mm
06/03/2020
More results

Similar Description - FOC-IPMF

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1062250001 MOLEX1-1062250001 Datasheet
47Kb / 1P
MPO Female-to-MPO Female Trunk Cable Assembly, 50/125關m, 3.00mm, Multimode
1062250002 MOLEX1-1062250002 Datasheet
47Kb / 1P
MPO Female-to-MPO Female Trunk Cable Assembly, 50/125關m, 4.80mm, Multimode
1062250003 MOLEX1-1062250003 Datasheet
47Kb / 1P
MPO Female-to-MPO Female Trunk Cable Assembly, 50/125關m, 4.80mm, Multimode
1062250004 MOLEX1-1062250004 Datasheet
47Kb / 1P
MPO Female-to-MPO Female Trunk Cable Assembly, 50/125關m, 4.80mm, Multimode
1062250005 MOLEX1-1062250005 Datasheet
47Kb / 1P
MPO Female-to-MPO Female Trunk Cable Assembly, 50/125關m, 3.00mm, Multimode
1062250007 MOLEX1-1062250007 Datasheet
47Kb / 1P
MPO Female-to-MPO Female Trunk Cable Assembly, 50/125關m, 4.80mm, Multimode
1062250008 MOLEX1-1062250008 Datasheet
47Kb / 1P
MPO Female-to-MPO Female Trunk Cable Assembly, 50/125關m, 4.80mm, Multimode
1062250011 MOLEX1-1062250011 Datasheet
47Kb / 1P
MPO Female-to-MPO Female Trunk Cable Assembly, 9/125關m, 4.80mm, Singlemode
1062250049 MOLEX1-1062250049 Datasheet
47Kb / 1P
MPO Female-to-MPO Female Trunk Cable Assembly, 50/125關m, 3.00mm, Multimode
1062250051 MOLEX1-1062250051 Datasheet
47Kb / 1P
MPO Female-to-MPO Female Trunk Cable Assembly, 50/125關m, 3.00mm, Multimode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com