Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP21-MAGNET Datasheet(PDF) 1 Page - Brady Worldwide, Inc.

Part # BMP21-MAGNET
Description  Label Printer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

BMP21-MAGNET Datasheet(HTML) 1 Page - Brady Worldwide, Inc.

  BMP21-MAGNET Datasheet HTML 1Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
290
BMP®21-PLUS Label Printer
An affordable label and wire marker printer designed for the tool box
Electrical
Labeling
General ID
Self-Laminating
Wire Labels
Voice & Data
Communications
PermaSleeve®
Wire Marking Sleeves
Lean / 5S Labels
and Operations ID
TOUGH on the Outside.
SMART on the Inside.
• Automatic-label formatting
for wire wraps, patch panels,
terminal-blocks, cable flags,
circuit breaker arrays and
general banner labels
• Drop-lock-and-print materials
• Passed shock and vibration testing per
MIL-STD-810G Method 5.16.6 S4.6.5
• Rechargeable Li-ION battery
• Continuous-only supplies in
0.25” to 0.75” widths
• 70 total label parts, 7 materials
• Label grabber holds label after cutting
• 104 symbols for electric, smart home,
safety and datacom
• 2-year warranty
Your Complete Printing Solution:
BMP®21-PLUS cartridges with
label and print ribbon.................page 291
BMP®21-PLUS Printer Specifications
Max Labels Per
Day
Average 100 labels/day
Print Resolution
203 dpi
PrintTechnology
Thermal transfer
Print Speed
10mm/sec (0.4 in/sec)
Tape Widths
(inches)
Various sizes from 0.250”
to 0.750”
Tape Widths
(mm)
Various sizes from 6.4 mm
to 19.1 mm
Max Label Width
0.75” (19.1 mm)
Max Print Width
0.63” (16 mm)
Memory
16MB, 10 Labels
(2MB available for storage)
Materials
Supported
M21- Series Cartridges
70+ Stock Parts
Continuous vs
Die Cut Labels
Continuous Only
Connectivity
Options
Not Applicable
PC Connectivity
No
Software
Compatibility
No
FileTransfer from
PC to printer
No
Wireless
Connectivity
No
Stand Alone
Printing
Yes
Color Capability
Single print color on a label
Keyboard
ABC or Cyrillic
Backlit Screen
2” x 1”, user adjustable
backlit
Text Sizes
6-40 pt with Autosizing
Multi-Line Print
Yes
Print Rotation
No
Serialization
Yes
Barcode
39 and 128
Symbols
Categories
104
Portability
Yes
LabelTypes or
Application
Functions
PermaSleeve® Heat
Shrink Tubing, Permanent
Polyester, Self-laminating
Vinyl, Clear Polyester, High
Performance Polyester,
Nylon Cloth, Indoor/Outdoor
Vinyl, Polypropylene
Applications
Basic labels for Wire and
Cable ID, Datacomm and
AV labeling, Inside-panel
Component Labeling, and
General Industrial Labels
for Maintenance, Production
and Visual Workplace/
Lean 5S.
Power Supply
6 AA batteries, AC adapters:
US 110V, UK 240V, Europe
220V, or Lithium Ion
Rechargeable Battery
Weight
1.66 lbs (0.75 kg)
Warranty
2 years
BMP21-PLUS Printer Kit shown.
NEW!
Visit BradyID.com/bmp21plus
to watch the printer video or
request a printer demo.
Online Video!
BMP®21-PLUS Label Printer & Accessories
Catalog #
Description
BMP21-PLUS
BMP21 Label Printer*
BMP21-PLUS-KIT1 BMP21 Label Printer Kit**
BMP21-MAGNET
Magnet Only Accessory
BMP21-TOOL
Multi-functional Tool Accessory
(magnet / flashlight / retractable stand)
M-AC-110937
AC Power Adapter / Charger
BMP21-PLUS-BATT Li-ION Battery Pack
BMP21-PLUS-HC
Hard Case
* Printer includes label cartridge, lanyard and quick start guide
(batteries not included).
** Printer kit includes: printer, label cartridge, Li-ION battery,
AC power / charger, hard case, lanyard and quick start guide.
US Patent No. 8.322.936.
BradyID.com/bmp21plus
10a_BMP21_BMP41.indd 290
11/25/14 9:24 AM


Similar Part No. - BMP21-MAGNET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMP21-PLUS ETC-BMP21-PLUS Datasheet
308Kb / 2P
Tough on the Outside. Smart on the Inside.
More results

Similar Description - BMP21-MAGNET

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
Printer Driver?
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
Date Printer
January 17, 2003
logo
List of Unclassifed Man...
13555 ETC2-13555 Datasheet
1Mb / 1P
MiniMark Industrial Label Printer
THT-5-423-10 ETC2-THT-5-423-10 Datasheet
785Kb / 1P
BBP 33 Label Printer
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
Laser Printer
logo
PHOENIX CONTACT
5031692 PHOENIX-5031692 Datasheet
68Kb / 3P
Label sheet for matrix printer - BMKD 20X 8 YE
1309765 PHOENIX-1309765 Datasheet
48Kb / 2P
Label - EV-LABEL-L
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com