Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50-MAGNET Datasheet(PDF) 1 Page - Brady Worldwide, Inc.

Part # M50-MAGNET
Description  Label Makers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

M50-MAGNET Datasheet(HTML) 1 Page - Brady Worldwide, Inc.

  M50-MAGNET Datasheet HTML 1Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
300
BMP®51 and BMP®53 Label Makers
Print continuous and die cut labels up to 1.5” wide and
with more material options.
• Ribbon and label materials in one easy to load cartridge
• Fast print speed. Prints 1 inch per second!
• More than 200 label parts in 14 material types
• 1” sleeves and 1.5” wide continuous output
• Material recognition and automatic label formatting
• Large, graphical display with backlight
• Durable built-in cutter with label retention
• Compatibility with LabelMark™ software for
advanced label design and data importation
• Built-in Bluetooth® technology or optional Wi-Fi card for
wireless printing via a network
• Continuous and die-cut label materials available
• Tough, durable label materials that won’t fade, smear or fall off
Your Complete Printing Solution:
BMP®51 & BMP®53 cartridges
with label and print ribbon........... page 302
View Online!
Made to get the job done.
Get the job done FASTER, EASIER and WITH CONFIDENCE.
Laboratory
Identification
General ID
...and many more!
Facility & Safety
Identification
Product Identification
PermaSleeve®
Wire Marking Sleeves
Voice & Data
Communications
Don’t need the
keyboard or screen?
Check out the BMP®53 Label
Maker - many of the same
features as the BMP®51 Label
Maker, minus the display
screen and keyboard.
• Create labels with
LabelMark™ or CodeSoft™
Software, or using a Brady
Mobile App on your smart
phone
• Use the same label
cartridges as BMP51
BMP®51
Label Maker
BMP®51 & BMP®53 Label Printers
Catalog #
Description
BMP51
BMP51 Printer, Rechargeable Li-Ion Battery Pack and AC
Adaptor/Battery Charger*
BMP51-KIT-AC
BMP51 Printer with AC Adaptor/Battery Charger*
BMP51-KIT-LMK
BMP51 Printer, LabelMark Software and AC Adaptor*
BMP53
BMP53 Peripheral Printer with AC Adaptor*
BMP53-KIT-AC-BP BMP53 Printer, Rechargeable Li-Ion Battery Pack and AC
Adaptor/Battery Charger*
BMP53-KIT-LMK
BMP53 Printer, LabelMark Software and AC
* Printer ships with Hard Carrying Case, Battery Tray for AA batteries, USB Cable,
Drivers CD, Product CD, Quick Start Guide, and one MC-1500-595-WT-BK.
BMP53 printer also ships with a pre-installed WiFi network card.
Network cards for BMP51 printer sold separately.
Patents applied for: 6,732,619 and 7,070,347 on the BMP51 and BMP53 Label Makers.
6,929,415 on the PermaSleeve® cartridges. 8,542,155 on wireless and ethernet cards.
Accessories
Catalog #
Description
M50-MAGNET
BMP50 Series Magnet Accessory
BMP-UBP
Lithium Ion Rechargeable Battery Pack for Mobile Printers
BMP-UBP-AC
Lithium Ion Rechargeable Battery Pack with
AC Adaptor/Battery Charger
142267
Brady Network Card - Ethernet only
142268
Brady Network Card - WiFi + Ethernet
M50-HC
BMP50 Series Hard Carrying Case
M50-SC
BMP50 Series Soft Carrying Case
M-AC-143110
BMP50 Series AC Adaptor/Battery Charger
M50-CABLE
BMP50 Series USB Cable
M50-BATT-TRAY
BMP50 Series Spare Battery Tray
LM5STDCD
LabelMark Standard Software - CD-ROM
BradyID.com/bmp51
Visit BradyID.com/bmp51
for more information on the BMP®51
and BMP®53 label printers.


Similar Part No. - M50-MAGNET

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M50-1900005 HARWIN-M50-1900005 Datasheet
51Kb / 1P
1.27mm JUMPER SOCKET
M50-1920005 HARWIN-M50-1920005 Datasheet
51Kb / 1P
1.27mm JUMPER SOCKET
M50-1930005 HARWIN-M50-1930005 Datasheet
51Kb / 1P
1.27mm JUMPER SOCKET
logo
List of Unclassifed Man...
M50-2000005 ETC2-M50-2000005 Datasheet
174Kb / 4P
M50 AND M52 SERIES CONNECTORS
logo
Harwin Plc
M50-3000345 HARWIN-M50-3000345 Datasheet
61Kb / 1P
1.27 mm PITCH DIL VERTICAL SOCKET ASSEMBLY
More results

Similar Description - M50-MAGNET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT191UY ETC2-HT191UY Datasheet
828Kb / 25P
Label Specifications
logo
Pepperl+Fuchs Inc.
ULB-18GM50-255-2E1 PF-ULB-18GM50-255-2E1 Datasheet
388Kb / 4P
Label sensor
ULB-18GM50-255-2E3 PF-ULB-18GM50-255-2E3 Datasheet
388Kb / 4P
Label sensor
logo
PHOENIX CONTACT
1309765 PHOENIX-1309765 Datasheet
48Kb / 2P
Label - EV-LABEL-L
1315521 PHOENIX-1315521 Datasheet
47Kb / 2P
Label - EV-LABEL-C-SO
logo
Ultralife Corporation.
UBBL10-01-CB ULTRALIFE-UBBL10-01-CB Datasheet
520Kb / 3P
SMBus Commercial Label
Rev: B
logo
Pepperl+Fuchs Inc.
HIALC-HICTB-SET-108 PF-HIALC-HICTB-SET-108 Datasheet
363Kb / 1P
Label Carrier
HIALC-HICTF-SET-114 PF-HIALC-HICTF-SET-114 Datasheet
211Kb / 1P
Label Carrier
HIALC-HIDTB-SET-150 PF-HIALC-HIDTB-SET-150 Datasheet
363Kb / 1P
Label Carrier
ZH-Z.BT PF-ZH-Z.BT Datasheet
90Kb / 1P
Label Carrier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com