Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG72704CU-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG72704CU-RSP
Description  700MHz-2.7GHz 4dBi OMNI CEILING ANTENNA W/12 INCH PIGTAIL AND CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG72704CU-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG72704CU-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.4 86
12 INCH
COAXIAL
PIGTAIL
7.4 187
SEE CHART FOR
CONNECTOR TYPE
ANTENNA
NOTES:
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-00097
- ALL DIMENSIONS FOR REFERENCE -
RoHS Compliant 
MODEL# HG72704CU-
SUFFIX
CONNECTOR TYPE
NF
N-FEMALE
NM
N-MALE
RSP
RP SMA-PLUG
RSJ
RP SMA-JACK
RTP
RP TNC-PLUG
RTJ
RP TNC-JACK
RNP
RP N-PLUG
RNJ
RP N-JACK
SM
SMA MALE
SF
SMA FEMALE
TM
TNC MALE
TF
TNC FEMALE
BM
BNC MALE
RBP
RP BNC PLUG
RBJ
RP BNC JACK
WM
WAVE RIDER COMPATIBLE TYPE
AM
ORiNOCO COMPATIBLE TYPE
QP
QMA PLUG RIGHT ANGLE
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG72704CU
A
HG72704CU.SLDDRW
1
1
P.PESA
03/21/13
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
03/21/13
3/29/13
A
-
INITIAL RELEASE
-
-
D.GRIFFIN
-
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
700MHz-2.7GHz 4dBi OMNI CEILING ANTENNA
W/12 INCH PIGTAIL AND CONNECTOR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
B.PUCHASKI
COLOR VARIATIONS
MAY OCCUR
03/21/13
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - HG72704CU-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG72704CU-NF L-COM-HG72704CU-NF Datasheet
88Kb / 1P
700MHz-2.7GHz 4dBi OMNI CEILING ANTENNA W/12 INCH PIGTAIL AND CONNECTOR
03/21/13
More results

Similar Description - HG72704CU-RSP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM0203F2102806 ETC2-CM0203F2102806 Datasheet
1Mb / 10P
Ceiling-mounted 3dBi Wide-band Antenna 700MHz to 6GHz
logo
RF Micro Devices
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
700MHz to 2.7GHz 5V 1W Power Amplifier
logo
Laird Tech Smart Techno...
CMX69273P LSTD-CMX69273P Datasheet
475Kb / 3P
698??700MHz Ceiling Mount
logo
Pulse A Technitrol Comp...
DASLTE500NF PULSE-DASLTE500NF Datasheet
1Mb / 4P
Low PIM In-building Omni Antenna with Pigtail
DASUTCCR500NF PULSE-DASUTCCR500NF Datasheet
1Mb / 10P
Ceiling-Mount Omni Antenna
RO17102NM PULSE-RO17102NM Datasheet
240Kb / 3P
Radome Omni Antenna
W5067 PULSE-W5067 Datasheet
490Kb / 7P
Radome Omni ??Omni directional Antenna
logo
Raltron Electronics Cor...
RCL-MB3C7-17072-1M-H-001 RALTRON-RCL-MB3C7-17072-1M-H-001 Datasheet
173Kb / 1P
CEILING ANTENNA
logo
Taoglas antenna solutio...
CM.02.03F21.02806 TAOGLAS-CM.02.03F21.02806_17 Datasheet
758Kb / 11P
CEILING-MOUNTED 3DBI WIDE-BAND ANTENNA 700MHZ TO 6GHZ
IDAS.C.001 TAOGLAS-IDAS.C.001 Datasheet
4Mb / 24P
iDAS MIMO LTE Ceiling Mount Omni Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com