Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM641 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320DM641_08 Datasheet HTML 17Page - Texas Instruments TMS320DM641_08 Datasheet HTML 18Page - Texas Instruments TMS320DM641_08 Datasheet HTML 19Page - Texas Instruments TMS320DM641_08 Datasheet HTML 20Page - Texas Instruments TMS320DM641_08 Datasheet HTML 21Page - Texas Instruments TMS320DM641_08 Datasheet HTML 22Page - Texas Instruments TMS320DM641_08 Datasheet HTML 23Page - Texas Instruments TMS320DM641_08 Datasheet HTML 24Page - Texas Instruments TMS320DM641_08 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 179 page
background image
Functional Block Diagram
21
June 2003 − Revised October 2005
SPRS222E
HPI†
Test
C64x DSP Core
Data Path B
B Register File
B31−B16
B15−B0
Instruction Fetch
Instruction Dispatch
Advanced Instruction Packet
Instruction Decode
Data Path A
A Register File
A31−A16
A15−A0
Power-Down
Logic
.L1 .S1 .M1 .D1
.D2 .M2 .S2 .L2
32
SDRAM
FIFO
SBSRAM
SRAM
L1P Cache
Direct-Mapped
16K Bytes Total
Control
Registers
Control
Logic
L1D Cache 2-Way Set-Associative
16K Bytes Total
Advanced
In-Circuit
Emulation
Interrupt
Control
TMS320DM641/TMS320DM640
Enhanced
DMA
Controller
(EDMA)
L2
Cache
Memory
128KBytes
PLL
(x1, x6, x12)
Timer 2
EMIF A
ZBT SRAM
Timer 1
Boot Configuration
ROM/FLASH
I/O Devices
McBSP1‡
OR
McASP0
Data
AND
EMAC
MDIO
GP0
I2C0
8
16
See Note A
McBSP0‡
OR
McASP0
Control
AND
Timer 0
8-Bit
VP0
8-Bit
VP1†
VCXO
Interpolated
Control Port
(VIC)
† HPI and VP1 are not supported on the DM640 device.
‡ McBSPs: Framing Chips − H.100, MVIP, SCSA, T1, E1; AC97 Devices; SPI Devices; Codecs
NOTE A: The Video Port 0 (VP0) peripheral is muxed with the McBSP0 peripheral and the McASP0 control pins (DM641/DM640). The Video
Port 1 (VP1) peripheral is muxed with the McBSP1 peripheral and the McASP0 data pins (DM641 only). For more details on the
multiplexed pins of these peripherals, see the Device Configurations section of this data sheet.
Figure 1−1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com