Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG905RDR-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG905RDR-RSP
Description  900 MHz 5 dBi RP-SMA Plug RIGID Connector High Performance "Rubber Duck" Wireless LAN Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG905RDR-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG905RDR-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG905RDR-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
900 MHz 5 dBi RP-SMA Plug RIGID Connector High
Performance "Rubber Duck" Wireless LAN Antenna
Applications and Features
Applications:
•
900MHz ISM Band
•
Cellular Band Applications
•
900MHz Digital Spread Spectrum Radios
•
900MHz Telemetry Products
•
GSM
•
RFID
•
Wireless Video Transmitters and Receivers
•
Multipoint and Mobile Applications
Features:
•
Better performance than most stock AP antennas
•
Flexible "Rubber Duck" antenna
•
RIGID connector seals antenna connections
•
Reverse Polarity SMA-Plug (RP-SMA) Connector
•
RoHS Compliant
HG905RDR-RSP
Description
This high performance 900MHz Omni-directional "rubber-duck" antenna provides broad coverage and 5 dBi gain. It is a coaxial
sleeve design with an Omni-directional pattern. It is ideally suited for 900MHz ISM band applications as well as cellular
applications.
Measuring almost 17 inches long, this flexible antenna features a RIGID connection to the Reverse Polarity SMA-Plug (RP-SMA)
connector, permitting upright solid installations to the radio or Coax. It is suitable as a replacement RF antenna for many
900MHz radios that are equipped with RP-SMA connectors such as wireless video transmitters and receivers, 900MHz digital
spread spectrum radios and more.
Specifications
Electrical Specifications
Frequency
900-930 MHz
Gain
5 dBi
Horizontal Beam Width
360°
Impedance
50 Ohm
Max. Power
50W
VSWR
≤ 2.5
Lightning Protection
DC Ground


Similar Part No. - HG905RDR-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG905RDR-RTP L-COM-HG905RDR-RTP Datasheet
326Kb / 3P
900 MHz 5dBi Rubber Duck Antenna RIGID RP-TNC Plug Connector
10/20/16
More results

Similar Description - HG905RDR-RSP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51055 PASTERNACK-PE51055 Datasheet
62Kb / 1P
Duck/Whip Antenna 900-960 MHz, 3 dBi
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
logo
List of Unclassifed Man...
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com