Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG905RDR-RTP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG905RDR-RTP
Description  900 MHz 5dBi Rubber Duck Antenna RIGID RP-TNC Plug Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG905RDR-RTP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG905RDR-RTP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG905RDR-RTP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG905RDR-RTP Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
HG905RDR-RTP REV 1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
900 MHz 5dBi Rubber Duck Antenna RIGID RP-TNC Plug Connector HG905RDR-RTP
900 MHz 5dBi Rubber Duck Antenna RIGID RP-TNC Plug Connector
Features
•
Better Performance than Most Stock AP Antennas
•
Flexible “Rubber Duck” Antenna
•
RP-TNC Plug Connector
Applications
•
900 MHz Digital Spread Spectrum Radios
• 900 MHz ISM Band
•
LPWAN, LoRA, IoT, M2M Applications
•
900 MHz Telemetry Products
•
Cellular Band Applications
Description
The HG905RDR-RTP from L-com is an economical yet superior performance omnidirectional “rubber-duck” antenna designed for the
900 MHz ISM band. It features a RIGID Reverse Polarity TNC (RP-TNC) male connector, allowing superior weatherproofing for indoor
and outdoor applications. It is a coaxial sleeve design with an omni-directional pattern. It is ideally suited for 900MHz ISM band applica-
tions as well as cellular and LPWAN applications.
The L-com high performance rubber-duck HG905RDR-1-RTP is a flexible antenna providing broad coverage and 5.0 dBi gain.
Measuring 16.0 inches long, this 5.0 dBi antenna makes a great upgrade to OEM supplied antennas offering much larger coverage
area and stronger signals. It is suitable as a replacement RF antenna for 900 MHz radios that are equipped with RP-TNC connectors.
This 900 MHz ISM antenna, as well as our wide selection of superior quality RF parts, ship same day. Contact our knowledgeable and
friendly technical support and sales staff for your answers on antennas or other L-com products.
Configuration
Design
Rubber Duck
Band Type
Single
Polarization
Vertical
Connector Type
TNC Male Reverse Polarity
Number of Ports
1
Housing Material and Plating
Black
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
900
930
MHz
Input VSWR
2.5:1
Impedance
50
Ohms
Gain
5
dBi
Input Power
50
Watts
.
Mechanical Specifications
HG905RDR-RTP


Similar Part No. - HG905RDR-RTP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG905RDR-RSP L-COM-HG905RDR-RSP Datasheet
120Kb / 2P
900 MHz 5 dBi RP-SMA Plug RIGID Connector High Performance "Rubber Duck" Wireless LAN Antenna
More results

Similar Description - HG905RDR-RTP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51074 PASTERNACK-PE51074 Datasheet
87Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 2dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51078 PASTERNACK-PE51078 Datasheet
305Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 5dBi
PE51085 PASTERNACK-PE51085 Datasheet
69Kb / 1P
Rubber Duck Antenna 3400-3800 MHz, 5dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com