Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG908PCL-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG908PCL-RSP
Description  900MHz 8dBi LH CIR. POLARIZED FLAT PANEL ANTENNA W/4 FOOT PIGTAIL AND RP-SMA PLUG CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG908PCL-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG908PCL-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.25 57.2
(2X)
.260
(4X)
4 FOOT
CONNECTOR
PIGTAIL
RP-SMA PLUG
CONNECTOR
1.1 28
RoHS Compliant 
2.25 57.2
SQUARE
(4X)
10-24 THREAD
.50 DEEP
.50 DEEP (2X)
1/4-20 THREAD
4 FOOT
CONNECTOR
PIGTAIL
CL
CL
NOTES:
PACKAGING:
COMPONENT SHALL BE PACKAGED IN ACCORDANCE
WITH L-COM SPEC PKG-00012
- ALL DIMENSIONS FOR REFERENCE ONLY -
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG908PCL-RSP
A
HG908PCL-RSP.SLDDRW
1
1
P.PESA
08/15/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
08/15/12
08/15/12
A
-
INITIAL RELEASE
-
-
D.GRIFFIN
-
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
900MHz 8dBi LH CIR. POLARIZED FLAT PANEL ANTENNA
W/4 FOOT PIGTAIL AND RP-SMA PLUG CONNECTOR
ANTENNA
PROJECTION
UNLESS OTHERWISE SPECIFIED,
B.PUCHASKI
COLOR VARIATIONS
MAY OCCUR
08/15/12
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - HG908PCL-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG908PCL-RTP L-COM-HG908PCL-RTP Datasheet
81Kb / 1P
900MHz 8dBi LH CIR. POLARIZED FLAT PANEL ANTENNA W/4 FOOT PIGTAIL AND RP-TNC PLUG CONNECTOR
08/15/12
More results

Similar Description - HG908PCL-RSP

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7800W-AT001 HARRIS-RF-7800W-AT001 Datasheet
395Kb / 2P
Rapidly deployable one-foot panel antenna
logo
List of Unclassifed Man...
WB01 ETC2-WB01 Datasheet
1Mb / 18P
8dBi Wideband LTE MIMO Panel Antenna
ANT-DB1-HDP-TNC ETC2-ANT-DB1-HDP-TNC Datasheet
218Kb / 1P
TNC, SMA, or RP-SMA connector
ANT-DB1-VDP-TNC ETC2-ANT-DB1-VDP-TNC Datasheet
197Kb / 1P
TNC, SMA or RP-SMA connector
logo
Red Lion Controls. Inc
ANT-PD58-19 REDLION-ANT-PD58-19 Datasheet
382Kb / 2P
Flat Panel Directional Antenna
ANT-PAD58-20 REDLION-ANT-PAD58-20 Datasheet
1Mb / 2P
Flat Panel Directional Antenna
ANT-PAD24-14 REDLION-ANT-PAD24-14 Datasheet
1Mb / 2P
Flat Panel Directional Antenna
logo
Laird Tech Smart Techno...
IF900 LSTD-IF900 Datasheet
1Mb / 1P
900MHz MicroSphere Antenna
logo
Taoglas antenna solutio...
OMB868B08F21 TAOGLAS-OMB868B08F21 Datasheet
771Kb / 10P
868MHz 8dBi Omni Directional Outdoor Antenna
logo
SparkFun Electronics
WRL-14875 SPARKFUN-WRL-14875 Datasheet
65Kb / 1P
915MHz LoRa Antenna RP-SMA - 1/4 Wave 2dBi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com