Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG908PCR-RTP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG908PCR-RTP
Description  900MHz 8dBi RH Cir. Polarized Flat Panel Antenna w/ 4 Foot Pigtail and RP-TNC Plug Connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG908PCR-RTP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG908PCR-RTP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.PESA
48.0 1219
7.5 191
SQUARE
8.5 216
SQUARE
2X 8.100 205.74
2X 2.250 57.15
4X
.260 6.60
RP-TNC PLUG
CONNECTOR
195RW SERIES, 50 OHM LOW-LOSS COAXIAL CABLE
JACKET: PVC, WHITE; NOM. DIA: .195" [4.95]
OPERATING TEMPERATURE RANGE: -25 C TO +70 C
(SEE CA-195RW FOR REF.)
1.1 28
1.135 28.83
1.685 42.80
2.250 57.15
SQUARE
2X 1/4-20 UNC-2B .50
4X 10-24 UNC-2B .50
1.400 35.56
CL
CL
B
LABEL PER
ILS-100-08
SEE NOTE 1
SHRINK TUBE,
WHITE
NOTES:
1. LABEL PER ILS-100-08. FOR INTERNAL REFERENCE ONLY.
LABEL LOCATION AS SHOWN.
2. PACKAGING:
COMPONENT SHALL BE PACKAGED IN ACCORDANCE
WITH L-COM SPEC PKG-00012.
- ALL DIMENSIONS FOR REFERENCE ONLY -
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG908PCR-RTP
B
1
1
P.PESA
08/15/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
08/15/12
08/15/2012
A
B
INITIAL RELEASE
ECN 10766: ADDED NOTE, UPDATED DRAWING
11/04/2020
D.GRIFFIN
KHIETPAS
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
900MHz 8dBi RH Cir. Polarized Flat Panel Antenna
w/ 4 Foot Pigtail and RP-TNC Plug Connector
ANTENNA
UNLESS OTHERWISE SPECIFIED,
B.PUCHASKI
COLOR VARIATIONS
MAY OCCUR
08/15/12
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: HG908PCR-RTP.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]


Similar Part No. - HG908PCR-RTP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG908PCR-RSP L-COM-HG908PCR-RSP Datasheet
82Kb / 1P
900MHz 8dBi RH CIR. POLARIZED FLAT PANEL ANTENNA W/4 FOOT PIGTAIL AND RP-SMA PLUG CONNECTOR
08/15/12
More results

Similar Description - HG908PCR-RTP

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7800W-AT001 HARRIS-RF-7800W-AT001 Datasheet
395Kb / 2P
Rapidly deployable one-foot panel antenna
logo
List of Unclassifed Man...
WB01 ETC2-WB01 Datasheet
1Mb / 18P
8dBi Wideband LTE MIMO Panel Antenna
logo
Winchester Electronics ...
KA-59-220 WINCHESTER-KA-59-220 Datasheet
53Kb / 1P
PLUG, POLARIZED, TNC
logo
List of Unclassifed Man...
ANT-DB1-HDP-TNC ETC2-ANT-DB1-HDP-TNC Datasheet
218Kb / 1P
TNC, SMA, or RP-SMA connector
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
RP-SMA or TNC connector
logo
Red Lion Controls. Inc
ANT-PD58-19 REDLION-ANT-PD58-19 Datasheet
382Kb / 2P
Flat Panel Directional Antenna
ANT-PAD58-20 REDLION-ANT-PAD58-20 Datasheet
1Mb / 2P
Flat Panel Directional Antenna
ANT-PAD24-14 REDLION-ANT-PAD24-14 Datasheet
1Mb / 2P
Flat Panel Directional Antenna
logo
Laird Tech Smart Techno...
IF900 LSTD-IF900 Datasheet
1Mb / 1P
900MHz MicroSphere Antenna
logo
Taoglas antenna solutio...
OMB868B08F21 TAOGLAS-OMB868B08F21 Datasheet
771Kb / 10P
868MHz 8dBi Omni Directional Outdoor Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com