Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC10
Description  TRIPLE 3-INPUT NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC10 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC10 Datasheet HTML 1Page - STMicroelectronics M74HC10 Datasheet HTML 2Page - STMicroelectronics M74HC10 Datasheet HTML 3Page - STMicroelectronics M74HC10 Datasheet HTML 4Page - STMicroelectronics M74HC10 Datasheet HTML 5Page - STMicroelectronics M74HC10 Datasheet HTML 6Page - STMicroelectronics M74HC10 Datasheet HTML 7Page - STMicroelectronics M74HC10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2001
s
HIGH SPEED:
tPD = 8ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 10
DESCRIPTION
The M74HC10 is an high speed CMOS TRIPLE
3-INPUT NAND GATE fabricated with silicon gate
C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC10
TRIPLE 3-INPUT NAND GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC10B1R
SOP
M74HC10M1R
M74HC10RM13TR
TSSOP
M74HC10TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC10 STMICROELECTRONICS-M74HC10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Dec-1992
M74HC107 STMICROELECTRONICS-M74HC107 Datasheet
248Kb / 11P
DUAL J-K FLIP FLOP WITH CLEAR
Oct-1992
M74HC107B1R STMICROELECTRONICS-M74HC107B1R Datasheet
248Kb / 11P
DUAL J-K FLIP FLOP WITH CLEAR
Oct-1992
M74HC107C1R STMICROELECTRONICS-M74HC107C1R Datasheet
248Kb / 11P
DUAL J-K FLIP FLOP WITH CLEAR
Oct-1992
M74HC107M1R STMICROELECTRONICS-M74HC107M1R Datasheet
248Kb / 11P
DUAL J-K FLIP FLOP WITH CLEAR
Oct-1992
More results

Similar Description - M74HC10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F10DM NSC-54F10DM Datasheet
140Kb / 6P
Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
Triple 3-input NAND gate
1989 Sep 20
logo
STMicroelectronics
M54HC10 STMICROELECTRONICS-M54HC10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Dec-1992
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
Triple 3-Input NAND Gate
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
Triple 3-input NAND gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com