Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP300 Datasheet(PDF) 3 Page - Clarke International

Part # FP300
Description  FOOT PUMPS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

FP300 Datasheet(HTML) 3 Page - Clarke International

  FP300 Datasheet HTML 1Page - Clarke International FP300 Datasheet HTML 2Page - Clarke International FP300 Datasheet HTML 3Page - Clarke International FP300 Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Parts & Service: 020 8988 7400/E-mail:Parts@clarkeinternational.com or Service@clarkeinternational.com
ADAPTORS
The pump is supplied with four adaptors for different uses. These are provided
to inflate sports balls, air beds, small inflatables, bicycle and vehicle tyres etc.
To avoid over-inflation, always follow manufacturer’s instructions for the item
to be inflated.
Inflatable adaptor
Toy/air bed adaptor
Sports ball adaptor
‘Presta’ bicycle tyre valve adaptor
MAINTENANCE
Always inspect the pump before use to ensure the connecting hose is in
perfect condition. Keep the pump clean by wiping with a dry cloth. DO NOT
use solvent as a cleaning agent. Always store in a dry place.
GUARANTEE
This CLARKE product is guaranteed against faulty manufacture for a period of
12 months from the date of purchase. Please keep your receipt as proof of
purchase. This guarantee is invalid if the product is found to have been
abused or tampered with in any way, or not used for its intended purpose.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission. This guarantee does not effect
your statutory rights.
SPECIFICATIONS
FP150
FP300
Dimensions L x D x H
350 x 90 x 640 mm
335 x 150 x 265 mm
Weight
1.1 kg
1.7 kg
Hose Length
630 mm
650 mm
Pressure Gauge
Scale 1: 0-100 psi
Scale 1: 0-100 psi
Scale 2: 0-7 bar
Scale 2: 0-7 bar



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com