Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC07 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74HC07
Description  HEX BUFFER OPEN DRAIN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74HC07 Datasheet(HTML) 1 Page - STMicroelectronics

  74HC07 Datasheet HTML 1Page - STMicroelectronics 74HC07 Datasheet HTML 2Page - STMicroelectronics 74HC07 Datasheet HTML 3Page - STMicroelectronics 74HC07 Datasheet HTML 4Page - STMicroelectronics 74HC07 Datasheet HTML 5Page - STMicroelectronics 74HC07 Datasheet HTML 6Page - STMicroelectronics 74HC07 Datasheet HTML 7Page - STMicroelectronics 74HC07 Datasheet HTML 8Page - STMicroelectronics 74HC07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
May 2003
s
HIGH SPEED:
tPD = 6ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28% VCC (MIN.)
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 07
DESCRIPTION
The M74HC07 is an high speed CMOS HEX
OPEN DRAIN BUFFER fabricated with silicon
gate C2MOS technology.
The internal circuit is composed of 2 stages
including buffer output, which enables high noise
immunity and stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC07
HEX BUFFER (OPEN DRAIN)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC07B1R
SOP
M74HC07M1R
M74HC07RM13TR
TSSOP
M74HC07TTR
TSSOP
DIP
SOP


Similar Part No. - 74HC07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC00 PHILIPS-74HC00 Datasheet
28Kb / 5P
Quad 2-input NAND gate
2003 Jun 30
74HC00 NXP-74HC00 Datasheet
173Kb / 15P
Quad 2-input NAND gate
Rev. 04-11 January 2010
74HC00 PHILIPS-74HC00 Datasheet
98Kb / 17P
Quad 2-input NAND gate
2003 Jun 30
logo
ON Semiconductor
74HC00 ONSEMI-74HC00 Datasheet
110Kb / 7P
Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
March, 2007 - Rev. 1
logo
Diodes Incorporated
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
More results

Similar Description - 74HC07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC07A PHILIPS-74LVC07A Datasheet
71Kb / 16P
Hex buffer with open-drain outputs
2000 Mar 07
logo
STMicroelectronics
M54HC07 STMICROELECTRONICS-M54HC07 Datasheet
227Kb / 9P
HEX BUFFER OPEN DRAIN
Feb-1993
logo
Toshiba Semiconductor
TC74HC07AP TOSHIBA-TC74HC07AP Datasheet
220Kb / 5P
HEX BUFFER (OPEN DRAIN)
TC74VHCV07FK TOSHIBA-TC74VHCV07FK Datasheet
185Kb / 8P
Hex Schmitt Buffer (open drain)
logo
NXP Semiconductors
74LVC07APW-T NXP-74LVC07APW-T Datasheet
160Kb / 14P
Hex buffer with open-drain outputs
Rev. 5-27 October 2011
logo
Unisonic Technologies
U74HC07 UTC-U74HC07 Datasheet
182Kb / 5P
HEX BUFFER (OPEN DRAIN)
logo
Nexperia B.V. All right...
74AHCT07A NEXPERIA-74AHCT07A Datasheet
728Kb / 12P
Hex buffer with open-drain outputs
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
Hex buffer with open-drain outputs
74LVC07A NEXPERIA-74LVC07A Datasheet
234Kb / 12P
Hex buffer with open-drain outputs
Rev. 7 - 3 August 2020
74LV07AT NEXPERIA-74LV07AT Datasheet
727Kb / 12P
Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com