Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

330 Datasheet(PDF) 1 Page - Stannol GmbH & Co KG

Part # 330
Description  No-clean flux
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG

330 Datasheet(HTML) 1 Page - Stannol GmbH & Co KG

  330 Datasheet HTML 1Page - Stannol GmbH & Co KG 330 Datasheet HTML 2Page - Stannol GmbH & Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
LIQUID FLUX 330
No-clean flux
STANNOL GmbH & Co. KG • TDB_LF_EF330_EN • Issue: 10.03.2026
1
Haberstr. 24 • 42551 Velbert • Tel: +49 (0)2051-3120-0 • Fax: +49 (0)2051-3120-111 • E-Mail: info@stannol.de • www.stannol.de
DESCRIPTION
No-clean flux classified as type 2.2.3.A according to DIN-EN 29454-1, type ORL0 according to EN 61190-1-1 and type ORL0
according to J-STD-004.
Stannol EasyFlux 330 is halide free activated. The new formula of the activators guarantees an optimum wetting of the
different surfaces (such as OSP, Ni/Au, HAL) used in PCB manufacturing and so avoids problems when new printed circuit
boards with alternative surfaces are introduced. Also the soldering with lead-free alloys show perfect wetting results. Best
results were achieved when using Stannol Ecoloy and Flowtin TSC (Tin/Silver/Copper), TS (Tin/Silver) and TC (Tin/Copper)
alloys.
CHARACTERISTICS
Stannol EasyFlux 330 offers the following advantages:
• Multi-purpose application, low residues
• Moderate solid content – fast wetting
• No-clean application, electrically safe
• Resin-free
• Perfect wetting results with lead-free alloys
APPLICATION
The Stannol EasyFlux 330 has been developed for application with spray fluxers, but foam fluxers can also be used. The
preheat temperature should be at least 90° C measured on the surface of the circuit board when entering the solder wave.
This temperature ensures the evaporation of the solvent and a sufficient activation of the flux.
Evaporation of solvent can change the composition. Evaporation causes an increase of the solid content and therefore the
density increases. This can be checked with the Stannol Mini-Titration-Kit.
PHYSICAL PROPERTIES AND DATA
GENERAL PROPERTIES
EasyFlux 330
Colour:
colourless
Density at (20°C):
0,811 g/cm3
Flash point (closed crucible):
12°C
Ignition temperature:
425°C
Solid content:
3,3%
Acid rating:
26,5 mg KOH/g
Halide content:
none
Thinner
Stannol VD-500


Similar Part No. - 330

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
Productwell Precision E...
330 PRODUCTWELL-330 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
Intel Corporation
330 INTEL-330 Datasheet
1Mb / 82P
Celeron D Processor
logo
Oscilent Corporation
330 OSCILENT-330 Datasheet
140Kb / 3P
Clock Oscillators
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
470Kb / 6P
High Ripple and Ultra-Long Life
More results

Similar Description - 330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSF-6522 ETC2-TSF-6522 Datasheet
29Kb / 3P
No-Clean Tacky Soldering Flux
CW8500 ETC2-CW8500 Datasheet
55Kb / 2P
CircuitWorks No-Clean Tacky Flux
22460 ETC2-22460 Datasheet
210Kb / 3P
Lead-Free No Clean Solder Paste
23-6337-8806 ETC2-23-6337-8806 Datasheet
50Kb / 2P
No-Clean Cored Wire
logo
Ledil, Inc.
F14619 LEDIL-F14619 Datasheet
7Mb / 16P
~10째 spot beam. Clean appearance with no additional attachment interface.
F14620 LEDIL-F14620 Datasheet
9Mb / 17P
~50째 medium beam. Clean appearance with no additional attachment interface.
F14622 LEDIL-F14622 Datasheet
7Mb / 15P
~60째 wide beam. Clean appearance with no additional attachment interface.
F16011 LEDIL-F16011 Datasheet
5Mb / 4P
~35째 medium beam. Clean appearance with no additional attachment interface
F16013 LEDIL-F16013 Datasheet
5Mb / 4P
~35째 medium beam. Clean appearance with no additional attachment interface and compatible
logo
TE Connectivity Ltd
C-1534326 TEC-C-1534326 Datasheet
559Kb / 1P
MCON 1.2 CB (CLEAN BODY)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com