Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4572 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC4572
Description  Low Supply Voltage, Ultra Low-Noise, High Speed, Wide Band, Low IB Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4572 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC4572 Datasheet HTML 1Page - Renesas Technology Corp UPC4572 Datasheet HTML 2Page - Renesas Technology Corp UPC4572 Datasheet HTML 3Page - Renesas Technology Corp UPC4572 Datasheet HTML 4Page - Renesas Technology Corp UPC4572 Datasheet HTML 5Page - Renesas Technology Corp UPC4572 Datasheet HTML 6Page - Renesas Technology Corp UPC4572 Datasheet HTML 7Page - Renesas Technology Corp UPC4572 Datasheet HTML 8Page - Renesas Technology Corp UPC4572 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
R03DS0185EJ0100 Rev.1.00
Page 1 of 11
Mar.3.25
Datasheet
UPC4572
Low Supply Voltage, Ultra Low-Noise, High Speed,
Wide Band, Low IB Dual Operational Amplifier
DESCRIPTION
UPC4572 is a dual wide band, ultra low noise operational amplifier designed for low supply voltage operation
of +4 V to +14 V single supply and ±2 V to ±7 V dual supplies. Using high hFE PNP transistors for the input
circuit, Input bias current and input equivalent noise are better than conventional wide band operational
amplifier.
UPC4572 is an excellent choice for preamplifiers and active filters in audio, instrumentation, and
communication circuit.
In addition, special arrangement products with sorted DC items are available.
FEATURES
• Input Equivalent Noise Voltage Density (f = 1 kHz ) 4 nV/ Hz (TYP.)
• Input Equivalent Noise Voltage (RIAA features)
0.8 μVr.m.s. (TYP.)
• Total Harmonic Distortion
0.002 % (TYP.)
• Slew Rate
6 V/μs (TYP.)
• Gain Bandwidth Product GBW (f = 100 kHz)
16 MHz (TYP.)
• Low Input Bias Current
100 nA (TYP.)
• Input Offset Voltage
±0.3 mV (TYP.)
• Low Supply Voltage
±2 V ~ ±7 V (Dual)
+4 V ~ +14 V (Single, V− = GND)
• Internal Frequency Compensation
• Standard Dual Op-Amp terminal connection (pin compatible)
ORDERING INFORMATION
Order Name (1)
Selected Grade
Package
UPC4572G2-AP
Standard
8-pin plastic SOP ( 5.72 mm ( 225 ))
UPC4572G2(5)-AP
DC item sorted product
8-pin plastic SOP ( 5.72 mm ( 225 ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.


Similar Part No. - UPC4572

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4572 NEC-UPC4572 Datasheet
361Kb / 12P
LOW SUPPLY VOLTAGE,ULTRA LOW-NOISE,HIGH SPEED,WIDE BAND,LOW IB DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4572 RENESAS-UPC4572 Datasheet
301Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1986
logo
NEC
UPC4572C NEC-UPC4572C Datasheet
361Kb / 12P
LOW SUPPLY VOLTAGE,ULTRA LOW-NOISE,HIGH SPEED,WIDE BAND,LOW IB DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4572C RENESAS-UPC4572C Datasheet
301Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1986
logo
NEC
UPC4572G2 NEC-UPC4572G2 Datasheet
361Kb / 12P
LOW SUPPLY VOLTAGE,ULTRA LOW-NOISE,HIGH SPEED,WIDE BAND,LOW IB DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - UPC4572

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4572 NEC-UPC4572 Datasheet
361Kb / 12P
LOW SUPPLY VOLTAGE,ULTRA LOW-NOISE,HIGH SPEED,WIDE BAND,LOW IB DUAL OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
Ultra Low-Noise High-Speed Operational Amplifier
Rev. 2
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078-EP TI-MC33078-EP Datasheet
726Kb / 19P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078 TI-MC33078_1 Datasheet
700Kb / 22P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
Ultra-Low Noise, High Speed Operational Amplifier
logo
Texas Instruments
MC33078-EP TI-MC33078-EP_15 Datasheet
1,023Kb / 21P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4570 RENESAS-UPC4570 Datasheet
614Kb / 11P
Ultra Low-Noise, High Speed, Wide Band, Dual Operational Amplifier
2019.1.17
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
UPC4572MF-DAA RENESAS-UPC4572MF-DAA Datasheet
327Kb / 12P
Low Supply Voltage, Ultra Low-Noise, High Speed, Wide Band,
Jul 25, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com