Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2403RD-RTF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2403RD-RTF
Description  HyperLink Wireless 2.4 GHz 3 dBi Rubber Duck Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2403RD-RTF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2403RD-RTF Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2403RD-RTF Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
N-Male Connector
HyperLink Wireless 2.4 GHz 3 dBi Rubber Duck Antenna
Model: HG2403RD
Applications
•
2.4 GHz ISM band
•
IEEE 802.11b/g wireless LAN
•
WiFi networks
•
2.4 GHz wireless video systems
•
Multipoint and mobile applications
Features
•
Compact size, only 5.4 in. long
•
Flexible “Rubber Duck” antenna
•
Tilt and swivel design
•
Multiple connector options
•
Optional magnetic mounts available
(HG2403RD-SM Model Shown)
Description
This compact 2.4 GHz omni-directional “rubber duck” antenna provides broad coverage and 3 dBi gain. It is a
coaxial sleeve design with an Omni-directional pattern. It is ideally suited for IEEE 802.11b/g wireless LAN and
other WiFi applications.
Only 5.4 inches long, this flexible antenna features a tilt-and-swivel
connector, allowing it to be used vertically, at a right angle or any angle
in between. Available with either a N-Male, SMA-Male, RP-SMA Plug or
RP-SMA Plug connector, it is suitable as a replacement antenna for many
access points and radios that are equipped with detachable antennas
such as from D-Link®, Linksys® and others (Note: The HG2403RD is used
as a “replacement” antenna rather than a “range extender” antenna. It
should yield similar range to most radio’s stock antennas).
Specifications
Models
Model Number
Connector Type
HG2403RD-NM
N-Male
HG2403RD-SM
SMA-Male
HG2403RD-RTF
Reverse Polarity TNC Plug (RP-TNC Plug)
HG2403RD-RSF*
Reverse Polarity SMA Plug (RP-SMA Plug)
*Application note: The RP-SMA model is not for use with U.S Robotics® RP-SMA equipped devices.


Similar Part No. - HG2403RD-RTF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2403RD-RTF L-COM-HG2403RD-RTF Datasheet
33Kb / 1P
2.4GHz 3dBi RUBBER DUCK ANTENNA W/RP-TNC PLUG CONNECTOR
10/20/11
More results

Similar Description - HG2403RD-RTF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51055 PASTERNACK-PE51055 Datasheet
62Kb / 1P
Duck/Whip Antenna 900-960 MHz, 3 dBi
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com