Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBDFXXW5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # USBDFXXW5
Description  EMI filter and line termination for USB downstream ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBDFXXW5 Datasheet(HTML) 4 Page - STMicroelectronics

  USBDFXXW5_06 Datasheet HTML 1Page - STMicroelectronics USBDFXXW5_06 Datasheet HTML 2Page - STMicroelectronics USBDFXXW5_06 Datasheet HTML 3Page - STMicroelectronics USBDFXXW5_06 Datasheet HTML 4Page - STMicroelectronics USBDFXXW5_06 Datasheet HTML 5Page - STMicroelectronics USBDFXXW5_06 Datasheet HTML 6Page - STMicroelectronics USBDFXXW5_06 Datasheet HTML 7Page - STMicroelectronics USBDFXXW5_06 Datasheet HTML 8Page - STMicroelectronics USBDFXXW5_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Application information
USBDFxxW5
4/11
2.2
ESD protection
In addition to the requirements of termination and EMC compatibility, computing devices are
required to be tested for ESD susceptibility. This test is described in the IEC 61000-4-2 and
is already in place in Europe. This test requires that a device tolerates ESD events and
remain operational without user intervention.
The USBDFxxW5 is particularly optimized to perform ESD protection. ESD protection is
based on the use of device which clamps at :
This protection function is split in 2 stages. As shown in Figure 5., the ESD strikes are
clamped by the first stage S1 and then the remaining overvoltage is applied to the second
stage through the resistor R. Such a configuration makes the output voltage very low at the
Vout level.
Figure 5.
USBDFxxW5 ESD clamping behavior
Figure 3.
Measurement configuration
Figure 4.
USBDFxxW5 attenuation
curve
50
Ω
RF IN
Vg
50
Ω TG OUT
TEST BOARD
1
10
100
1000 3000
-30
-20
-10
0
F (MHz)
Insertion loss (dB)
V= V
+ R .I
INPUT
BR
d pp
ESD Surge
Vinput
Voutput
Rload
Rg
R
S1
Rd
V
BR
V
BR
V
PP
Device
to be
protected
USBDFxxW5
Rd
S2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com