Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO7553BCD6 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7553BCD6
Description  Precision Adjustable Current-Limited Power Distribution Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7553BCD6 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7553BCD6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7553BCD6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DIO7552B/7553B
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO7552B/7553B• Rev. 1.3
UVLO
Heavy Load to Overload
(VIN=5V,VEN=VIN,ROUT=3.9Ω,VIN→0V)
(VIN=5V,VEN=VIN,ROUT=3.3→1.8Ω)
Applicaion Information
Operation Information
DIO7552B/7553B is a current limited P-channel MOSFET power switch with over current and over temperature
protection. There is no body diode across the drain and the source of the MOSFET. It prevents the current flow
from the output to the input after the chip is disabled.
Over-current Protection
When the over-current condition is detected, the switch is regulated to achieve constant output current. If the
over current condition lasts for a long time, and results in a junction temperature over 140°C, the switch will be
shutdown. Once the junction temperature drops to 120°C, the part will restart.
Reverse-voltage Protection
The reverse-voltage protection feature turns off the P-channel MOSFET whenever the output voltage exceeds
the input voltage by 135mV (typ) for 4ms (typ). A reverse current of (VOUT-VIN)/RDS(on) will be present when this
occurs. This prevents damage to devices on the input side of the DIO7552B/53B by preventing significant current
from sinking into the input capacitance. The DIO7552B/53B devices allow the P-channel MOSFET to turn on
once the output voltage goes bellow the input voltage for the same 4ms deglitch time.
Supply Filter Capacitor
In order to prevent the input voltage from dropping during hot-plug condition, a 10µF ceramic capacitor from VIN
to GND is strongly recommended. However, higher capacitance could help reduce the voltage drop. Furthermore
an output short will cause ringing on the input without the input capacitor. It could destroy the internal circuitry
when the input transient voltage exceeds the absolute maximum supply voltage even for a short duration.
Current Limiting Setting
Current limit is programmable to protect the power source from over current and short circuit conditions. Connect
a resistor RSET from ISET pin to GND to program the current limit:
IOS (A)=25752/Rset(Ω).
The minimum current limit is 0.4A. Current limit beyond 2.57A is not recommended.
VIN
VOUT
Flag
IOUT
Flag
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com