Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2458-5P-135-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2458-5P-135-RSP
Description  2.4/5.8 GHz 5dBi DUAL BAND ANTENNA W/PIGTAILS AND CONNECTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2458-5P-135-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2458-5P-135-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MAY OCCUR
06/07/11
A
B
C
B.PUCHASKI
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG2458-5P-135
B
HG2458-5P-135.SLDDRW
11
P.PESA
06/07/11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
06/07/11
06/07/11
A
B
INITIAL RELEASE
ECN 7288 ADDED PIGTAIL LENGTH COLUMN TO CHART
02/11/14
B.PUCHASKI
B.PUCHASKI
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
W/PIGTAILS AND CONNECTORS
ANTENNA
PROJECTION
UNLESS OTHERWISE SPECIFIED,
43321
2.4/5.8 GHz 5dBi DUAL BAND ANTENNA
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°
MODEL# HG2458-5P-135-
SUFFIX
CONNECTOR TYPE
PIGTAIL LENGTH
NF
N-FEMALE
1 FOOT
NM
N-MALE
4 FEET
RSP
RP SMA-PLUG
4 FEET
RSJ
RP SMA-JACK
4 FEET
RTP
RP TNC-PLUG
4 FEET
RTJ
RP TNC-JACK
4 FEET
RNP
RP N-PLUG
4 FEET
RNJ
RP N-JACK
4 FEET
SM
SMA MALE
4 FEET
SF
SMA FEMALE
4 FEET
TM
TNC MALE
4 FEET
TF
TNC FEMALE
4 FEET
BM
BNC MALE
4 FEET
RBP
RP BNC PLUG
4 FEET
RBJ
RP BNC JACK
4 FEET
WM
WAVE RIDER COMPATIBLE
TYPE
4 FEET
AM
ORiNOCO COMPATIBLE TYPE
4 FEET
QP
QMA PLUG RIGHT ANGLE
4 FEET
NOTES:
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-00012
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
COAXIAL PIGTAIL
(2X)
SEE CHART FOR LENGTH
142.9
5.63
6.17 156.7
.166 4.22
FOR #6 SCREW
(4X)
2.21 56.1
SEE CHART FOR
CONNECTOR TYPE


Similar Part No. - HG2458-5P-135-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2458-5P-135-RTP L-COM-HG2458-5P-135-RTP Datasheet
36Kb / 1P
2.4/5.8 GHz 5dBi DUAL BAND ANTENNA W/PIGTAILS AND CONNECTORS
06/07/11
More results

Similar Description - HG2458-5P-135-RSP

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05 SST-SST13LP05 Datasheet
945Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
logo
List of Unclassifed Man...
PC11070100A ETC2-PC11070100A Datasheet
259Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
PC11090100A ETC2-PC11090100A Datasheet
277Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
logo
Taoglas antenna solutio...
FXP830070100C TAOGLAS-FXP830070100C Datasheet
404Kb / 13P
FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
FXP830240100B TAOGLAS-FXP830240100B Datasheet
453Kb / 14P
FXP830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
PC11070100A TAOGLAS-PC11070100A Datasheet
320Kb / 10P
TheStripe PCB Dual-band 2.4 / 5.2 GHz antenna
PC11090100A TAOGLAS-PC11090100A Datasheet
344Kb / 10P
TheStripe PCB Dual-band 2.4 / 5.2 GHz antenna
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com