Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2458-5RD-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2458-5RD-RSP
Description  HyperLink Wireless 2.4/5.8 GHz Dual Band Rubber Duck Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2458-5RD-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2458-5RD-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2458-5RD-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 2.4/5.8 GHz Dual Band Rubber Duck Antenna
Model: HG2458-5RD-RSP
Applications
2.4 GHz, and 5.8 GHz band applications
IEEE 802.11a/b/g/n and 802.11ac WiFi access points and
routers
5.8 GHz ISM/UNII applications
5.8 GHz wireless video and security systems
Features
Two frequency ranges in one antenna
Rugged composite radome
Compact design
Tilt and swivel design
RP-SMA Plug connector
Description
The HyperLink HG2458-5RD is a high performance Dual Band rubber-duck antenna designed to operate in 2.4
GHz to 2.5 GHz or 5.1 GHz to 5.9 GHz bands. The Dual Band design of this antenna eliminates the need to
purchase different antennas for each frequency. It is ideally suited for IEEE 802.11a, 802.11b, 802.11g, 802.11n
and 802.11ac applications.
Measuring 8.6" long, this antenna features rugged composite blade style radome and a tilt-and-swivel reverse-
polarity SMA connector. This allows it to be used vertically, at a right angle, or any angle in-between. It is suitable
as a replacement RF antenna for many access points and radios that are equipped with reverse-polarity SMA
connectors including D-Link®, Linksys® WET11 and others.
Application Note: This antenna is not for use with U.S.Robotics® RP-SMA equipped devices.
Specifications
Electrical Specifications
Frequency Ranges / Gain
2400-2483 MHz / 3 dBi
5100-5900 MHz / 5 dBi
Horizontal Beam Width
360°
Impedance
50 Ohm
VSWR
< 2:1


Similar Part No. - HG2458-5RD-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2458-5P-135-NF L-COM-HG2458-5P-135-NF Datasheet
36Kb / 1P
2.4/5.8 GHz 5dBi DUAL BAND ANTENNA W/PIGTAILS AND CONNECTORS
06/07/11
HG2458-5P-135-NM L-COM-HG2458-5P-135-NM Datasheet
36Kb / 1P
2.4/5.8 GHz 5dBi DUAL BAND ANTENNA W/PIGTAILS AND CONNECTORS
06/07/11
HG2458-5P-135-RSP L-COM-HG2458-5P-135-RSP Datasheet
36Kb / 1P
2.4/5.8 GHz 5dBi DUAL BAND ANTENNA W/PIGTAILS AND CONNECTORS
06/07/11
HG2458-5P-135-RTP L-COM-HG2458-5P-135-RTP Datasheet
36Kb / 1P
2.4/5.8 GHz 5dBi DUAL BAND ANTENNA W/PIGTAILS AND CONNECTORS
06/07/11
More results

Similar Description - HG2458-5RD-RSP

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
logo
Pasternack Enterprises,...
PE51095 PASTERNACK-PE51095 Datasheet
296Kb / 1P
Mini Tri-Band Rubber Duck Antenna 2dBi
logo
List of Unclassifed Man...
PC11070100A ETC2-PC11070100A Datasheet
259Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
PC11090100A ETC2-PC11090100A Datasheet
277Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Taoglas antenna solutio...
FXP830070100C TAOGLAS-FXP830070100C Datasheet
404Kb / 13P
FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
FXP830240100B TAOGLAS-FXP830240100B Datasheet
453Kb / 14P
FXP830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com