Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2458-8DS-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2458-8DS-RSP
Description  2.4/5.8GHz 8dBi Dual Band Panel Antenna w/RP-SMA Plug Connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2458-8DS-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2458-8DS-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7.00 177.8
RP-SMA PLUG
CONNECTOR
(2X)
12" COAXIAL
CABLE
(2X)
T. Vaden
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
MAY OCCUR
HG2458-8DS-RSP
8
A
HG2458-8DS-RSP.SLDDRW
11
12/28/10
REVISIONS
DESCRIPTION
APPROVED
REV
12/28/10
DATE
T. Vaden
12/28/10
12/28/10
A
B.Puchaski
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
PROJECTION
Initial Release
B.Puchaski
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
ANTENNA
RoHS Compliant
2.4/5.8GHz 8dBi Dual Band Panel Antenna
w/RP-SMA Plug Connector
NOTES:
PACKAGING:
COMPONENT SHALL BE PACKAGED IN ACCORDANCE
WITH L-COM SPEC PKG-00074.


Similar Part No. - HG2458-8DS-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2458-8DS-NF L-COM-HG2458-8DS-NF Datasheet
120Kb / 1P
2.4/5.8GHz 8dBi Dual Band Panel Antenna w/NF Connector
12/28/10
More results

Similar Description - HG2458-8DS-RSP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMB24208F21 ETC2-OMB24208F21 Datasheet
386Kb / 10P
Barracuda - Omni-Directional Outdoor Antenna 2.4 - 2.5 GHz 8dBi
WB01 ETC2-WB01 Datasheet
1Mb / 18P
8dBi Wideband LTE MIMO Panel Antenna
logo
Level One
WAN-1160 LVL1-WAN-1160 Datasheet
188Kb / 2P
6dBi/ 8dBi Dual-Band 2.4/5 GHz Directional Antenna
logo
Taoglas antenna solutio...
FXP543A07A001 TAOGLAS-FXP543A07A001 Datasheet
2Mb / 21P
Venti Circular 2.4/5.8GHz Flexible PCB Antenna
WLA10 TAOGLAS-WLA10 Datasheet
1Mb / 19P
Wi-Fi Dual Band 2.4GHz/5.8GHz Chip Antenna
WSA2458A101151 TAOGLAS-WSA2458A101151 Datasheet
2Mb / 29P
Phoenix WSA.2458 Dual Band Wi-Fi I-Bar 2.4/5.8GHz Antenna with 1M RG-174 RP-SMA(M)
FXP830090100C TAOGLAS-FXP830090100C Datasheet
432Kb / 13P
FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8GHz Dipole Antenna
logo
Molex Electronics Ltd.
2042810100 MOLEX-2042810100_V01 Datasheet
167Kb / 1P
2.4/5GHZ WIFI DUAL BAND ANTENNA
2020/09/15
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
logo
WONGSHI ENTERPRISE LIMI...
AH2G.501.L180 ANTENNAHOME-AH2G.501.L180 Datasheet
536Kb / 2P
H180 FiberGlass, N-type , 2.4/5.8GHz Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com