Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2458CU-1-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2458CU-1-RSP
Description  ANTCEILING OMNI 2.4/5.8GHz 3dBi W/12 INCH PIGTAIL RP-SMA PLUG CON
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2458CU-1-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2458CU-1-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.6
40
2.2
57
12 INCH
CONNECTOR
PIGTAIL
RP-SMA PLUG
CONNECTOR
5.1
130
REQUIRES
3/4" DIAMETER
HOLE IN
CEILING PANEL
NOTES:
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031
- ALL DIMENSIONS FOR REFERENCE-
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG2458CU-1-RSP
A
HG2458CU-1-RSP.SLDDRW
1
1
DFRISIELLO
04/03/2019
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
MMILLER
04/03/2019
04/05/2019
A
REV A DRAWING RELEASED
MMILLER
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ANTCEILING OMNI 2.4/5.8GHz 3dBi
W/12 INCH PIGTAIL RP-SMA PLUG CON
ANTENNA
PROJECTION
UNLESS OTHERWISE SPECIFIED,
BPUCHASKI
COLOR VARIATIONS
MAY OCCUR
04/03/2019
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - HG2458CU-1-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2458CU-1-RTP L-COM-HG2458CU-1-RTP Datasheet
87Kb / 1P
ANTCEILING OMNI 2.4/5.8GHz 3dBi W/12 INCH PIGTAIL RP-TNC PLUG CON
04/03/2019
More results

Similar Description - HG2458CU-1-RSP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-DB1-HDP-TNC ETC2-ANT-DB1-HDP-TNC Datasheet
218Kb / 1P
TNC, SMA, or RP-SMA connector
CONREVSMA003.062 ETC2-CONREVSMA003.062 Datasheet
149Kb / 1P
RP-SMA FEMALE EDGE MOUNT RP-SMA FEMALE EDGE MOUNT
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
logo
Taoglas antenna solutio...
FXP543A07A001 TAOGLAS-FXP543A07A001 Datasheet
2Mb / 21P
Venti Circular 2.4/5.8GHz Flexible PCB Antenna
WSA2458A101151 TAOGLAS-WSA2458A101151 Datasheet
2Mb / 29P
Phoenix WSA.2458 Dual Band Wi-Fi I-Bar 2.4/5.8GHz Antenna with 1M RG-174 RP-SMA(M)
WMA01301151 TAOGLAS-WMA01301151 Datasheet
765Kb / 16P
Trinity 3dBi 2.4/2.5GHz MIMO Antenna
FXP522A07A001 TAOGLAS-FXP522A07A001 Datasheet
1Mb / 14P
Venti Wifi MiMo 2.4/5.8GHz Flexible Embedded Antenna
logo
Linx Technologies
CONREVSMA010-G LINX-CONREVSMA010-G Datasheet
299Kb / 2P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
logo
WONGSHI ENTERPRISE LIMI...
AH2G.501.L180 ANTENNAHOME-AH2G.501.L180 Datasheet
536Kb / 2P
H180 FiberGlass, N-type , 2.4/5.8GHz Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com