Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3228D1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # T3228D1
Description  SMD TypeWhite LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T3228D1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button T3228D1 Datasheet HTML 3Page - List of Unclassifed Manufacturers T3228D1 Datasheet HTML 4Page - List of Unclassifed Manufacturers T3228D1 Datasheet HTML 5Page - List of Unclassifed Manufacturers T3228D1 Datasheet HTML 6Page - List of Unclassifed Manufacturers T3228D1 Datasheet HTML 7Page - List of Unclassifed Manufacturers T3228D1 Datasheet HTML 8Page - List of Unclassifed Manufacturers T3228D1 Datasheet HTML 9Page - List of Unclassifed Manufacturers T3228D1 Datasheet HTML 10Page - List of Unclassifed Manufacturers T3228D1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AVA Technology
T3228D1
Doc. No. : RD-EDS-0002
Version 1.2
Date : 2005.07.08
Page: 6 of 13
* Ambient Temperature vs.
Allowable Forward Current
* Forward Voltage vs. Forward
Current @25℃
* Ambient Temperature vs. Forward
Voltage@20mA
Forward Current vs.
Relative Luminosity@25℃
0
20
40
60
80
100
120
1
1.5
2
2.5
3
3.5
4
4.5
5
VF (Volt)
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100 120
IF (mA)
Ta (℃)
2.50
2.75
3.00
3.25
3.50
3.75
4.00
4.25
4.50
-60 -40 -20 0
20 40 60 80 100 120
0
10
20
30
40
50
0
20
40
60
80
100
Ta (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com