Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG459U-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG459U-RSP
Description  ANT, OMNI 450 to 470MHz 8.5dBi
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG459U-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG459U-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WITH L-COM SPEC PKG-00077.
RoHS Compliant
ANT, OMNI 450 to 470MHz 8.5dBi
ANTENNA
COMPONENT SHALL BE PACKAGED IN ACCORDANCE
PACKAGING:

NOTES:
MODEL# HG459U
SUFFIX
CONNECTOR TYPE
NF
N-FEMALE
NM
N-MALE
RSP
RP SMA-PLUG
RTP
RP TNC-PLUG
RSJ
RP SMA-JACK
RTJ
RP TNC-JACK
RBP
RP BNC PLUG
SM
SMA MALE
TM
TNC MALE
TF
TNC FEMALE
MAY OCCUR
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
Initial Release
HG459U
8
A
HG459U.SLDDRW
11
01/24/11
REVISIONS
DESCRIPTION
APPROVED
REV
T. Vaden
DATE
T. Vaden
01/24/11
01/24/11
01/24/11
B.Puchaski
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
PROJECTION
A
B.Puchaski
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
2500
98.43
SEE TABLE FOR
CONNECTOR TYPE
18" CONNECTOR
PIGTAIL


Similar Part No. - HG459U-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG459U-NF L-COM-HG459U-NF Datasheet
42Kb / 1P
ANT, OMNI 450 to 470MHz 8.5dBi
01/24/11
HG459U-NM L-COM-HG459U-NM Datasheet
42Kb / 1P
ANT, OMNI 450 to 470MHz 8.5dBi
01/24/11
More results

Similar Description - HG459U-RSP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLS.20.105111 ETC2-TLS.20.105111 Datasheet
5Mb / 13P
Shockwave 450-470MHz
logo
PHOENIX CONTACT
2701347 PHOENIX-2701347 Datasheet
69Kb / 3P
Antenna - ANT-OMNI-5900-01
2701408 PHOENIX-2701408 Datasheet
58Kb / 3P
Antenna - ANT-OMNI-2459-02
2867199 PHOENIX-2867199 Datasheet
49Kb / 2P
Antenna - RAD-ISM-900-ANT-OMNI-5
2867584 PHOENIX-2867584 Datasheet
61Kb / 2P
RAD-ISM- 900-ANT-OMNI-0-N
1090616 PHOENIX-1090616 Datasheet
303Kb / 7P
Antenna - ANT-OMNI-VAN-868-01
12/24/2021
1284780 PHOENIX-1284780 Datasheet
59Kb / 3P
Antenna - ANT-OMNI-2459-04
12/24/2021
2702136 PHOENIX-2702136 Datasheet
243Kb / 6P
Antenna - ANT-OMNI-868-01
12/24/2021
1396316 PHOENIX-1396316 Datasheet
922Kb / 10P
Antenna - ANT-OMNI-0671-01
Dec 6, 2022
1396318 PHOENIX-1396318 Datasheet
1Mb / 15P
Antenna - ANT-OMNI-0671-02
Dec 6, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com