Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S381206 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # S381206
Description  Power Side Lighting LED with Reflector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S381206 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button S381206 Datasheet HTML 3Page - List of Unclassifed Manufacturers S381206 Datasheet HTML 4Page - List of Unclassifed Manufacturers S381206 Datasheet HTML 5Page - List of Unclassifed Manufacturers S381206 Datasheet HTML 6Page - List of Unclassifed Manufacturers S381206 Datasheet HTML 7Page - List of Unclassifed Manufacturers S381206 Datasheet HTML 8Page - List of Unclassifed Manufacturers S381206 Datasheet HTML 9Page - List of Unclassifed Manufacturers S381206 Datasheet HTML 10Page - List of Unclassifed Manufacturers S381206 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AVA Technology
S381206
Doc. No. : RD-EDS-0030
Version 1.1
Date: 2007.01.02
Page: 6 of 14
®
* Chromaticity Coordinates (CIE 1931 system)
9. FORWARD VOLTAGE
IF @ 15mA
Bin
VF(Volt)
Vb
2.80-2.90
Va
2.90-3.00
V0
3.00-3.10
V1
3.10-3.20
V2
3.20-3.30
V3
3.30-3.40
*VF tolerance ±0.05V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com