Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC20
Description  DUAL 4-INPUT NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC20 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC20 Datasheet HTML 1Page - STMicroelectronics M74HC20 Datasheet HTML 2Page - STMicroelectronics M74HC20 Datasheet HTML 3Page - STMicroelectronics M74HC20 Datasheet HTML 4Page - STMicroelectronics M74HC20 Datasheet HTML 5Page - STMicroelectronics M74HC20 Datasheet HTML 6Page - STMicroelectronics M74HC20 Datasheet HTML 7Page - STMicroelectronics M74HC20 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2001
s
HIGH SPEED:
tPD = 9ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN) at VCC = 4.5V
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 20
DESCRIPTION
The M74HC20 is an high speed CMOS DUAL
4-INPUT NAND GATE fabricated with silicon gate
C2MOS technology.
The internal circuit is composed of 3-stage
including buffered output, which gives high noise
immunity and stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC20
DUAL 4-INPUT NAND GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC20B1R
SOP
M74HC20M1R
M74HC20RM13TR
TSSOP
M74HC20TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
232Kb / 9P
DUAL 4-INPUT NAND GATE
Dec-1992
M74HC20B1R STMICROELECTRONICS-M74HC20B1R Datasheet
232Kb / 9P
DUAL 4-INPUT NAND GATE
Dec-1992
M74HC20C1R STMICROELECTRONICS-M74HC20C1R Datasheet
232Kb / 9P
DUAL 4-INPUT NAND GATE
Dec-1992
M74HC20M1R STMICROELECTRONICS-M74HC20M1R Datasheet
232Kb / 9P
DUAL 4-INPUT NAND GATE
Dec-1992
More results

Similar Description - M74HC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
Dual 4-Input NAND gate
1996 Jul 01
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
Dual 4-input NAND gate
1989 Mar 03
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
Dual 4-input NAND gate
December 1990
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
DUAL 4-INPUT NAND GATE
Jun-1999
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
Dual 4-Input NAND Gate
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
Dual 4-Input NAND Gate
logo
Toshiba Semiconductor
TC74VHC20F TOSHIBA-TC74VHC20F_08 Datasheet
219Kb / 9P
Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com