Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAM Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78F651NAM
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAM Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78F651NAM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 20Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 21Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 22Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 23Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 17
(This specification is subject to change without further notice)
Individual interrupt is enabled by setting its associated control bit in the IOCF to "1".
Global interrupt is enabled by the ENI instruction and is disabled by the DISI instruction.
Refer to Fig 6-8.
The IOCF register is both readable and writable.
6.3 TCC/WDT & Prescaler
There are two 8-bit counters available as prescalers for the TCC and WDT respectively.
The PST0~PST2 bits of the CONT register are used to determine the ratio of the
prescaler of TCC. Likewise, the PSW0~PSW2 bits of the IOCE0 register are used to
determine the WDT prescaler. The prescaler counter will be cleared by the
instructions each time they are written into TCC. The WDT and prescaler will be
cleared by the “WDTC” and “SLEP” instructions. Fig 6-3 depicts the circuit diagram
of TCC/WDT.
R1 (TCC) is an 8-bit timer/counter. The clock source of TCC can be internal clock or
external signal input (edge selectable from the TCC pin). If TCC signal source is from
the internal clock, TCC will be incremented by 1 at every instruction cycle (without
prescaler). As illustrated in Fig 6-3, selection of CLK=Fosc/2 or CLK=Fosc/4
depends on the Code Option bit <CLKS>. CLK=Fosc/2 is selected if the CLKS bit is
"0", and CLK=Fosc/4 is selected if the CLKS bit is "1". If TCC signal source is from
external clock input, TCC will be incremented by 1 at every falling edge or rising edge
of the TCC pin. TCC pin input time length (kept in High or low level) must be greater
than 1CLK. The TCC will stop running when sleep mode occurs.
The watchdog timer is a free running on-chip RC oscillator. The WDT will keep on
running even after the oscillator driver has been turned off (i.e. in sleep mode).
During normal operation or sleep mode, a WDT time-out (if enabled) will cause the
device to reset. The WDT can be enabled or disabled at any time during normal
mode by software programming. Refer to WDTE bit of IOCE0 register. With no
prescaler, the WDT time-out period is approximately 18 ms
1 (one oscillator start-up
timer period).
It is recommended to use Port 6 Input Status Change Interrupt if user wants to
use the Interrupt function.
1 Note: VDD=5V, WDT time-out period = 16.5ms ± 8% VDD=3V
WDT time-out period = 18ms ± 8%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com