Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904WDT Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM2904WDT
Description  Low power dual operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WDT Datasheet(HTML) 5 Page - STMicroelectronics

  LM2904WDT Datasheet HTML 1Page - STMicroelectronics LM2904WDT Datasheet HTML 2Page - STMicroelectronics LM2904WDT Datasheet HTML 3Page - STMicroelectronics LM2904WDT Datasheet HTML 4Page - STMicroelectronics LM2904WDT Datasheet HTML 5Page - STMicroelectronics LM2904WDT Datasheet HTML 6Page - STMicroelectronics LM2904WDT Datasheet HTML 7Page - STMicroelectronics LM2904WDT Datasheet HTML 8Page - STMicroelectronics LM2904WDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM2904W
Electrical characteristics
5/19
GBP
Gain bandwidth product
f = 100kHz, VCC
+ = 30V, V
in = 10mV, RL = 2kΩ, CL = 100pF
0.7
1.1
MHz
THD
Total harmonic distortion
f = 1kHz, AV = 20dB, RL = 2kΩ,
Vo = 2Vpp, CL = 100pF, VCC
+ = 30V
0.02
%
en
Equivalent input noise voltage
f= 1kHz, RS = 100Ω, VCC
+ =30V
55
nV/
√Hz
VO1/VO2
Channel separation (3)
1kHz
≤ f ≤ 20kHz
120
dB
1.
VO = 1.4 V, RS = 0 Ω, 5 V < VCC
+ < 30 V, 0 V < V
ic < VCC
+ - 1.5 V
2.
The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output,
so there is no change in the loading charge on the input lines.
3.
Due to the proximity of external components, ensure that stray capacitance does not cause coupling between these
external parts. Typically, this can be detected because this type of capacitance increases at higher frequencies.
Table 3.
VCC
+ = 5V, V
CC
- = Ground, V
O = 1.4V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com