Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55025S-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # PD55025S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55025S-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PD55025S-E Datasheet HTML 9Page - STMicroelectronics PD55025S-E Datasheet HTML 10Page - STMicroelectronics PD55025S-E Datasheet HTML 11Page - STMicroelectronics PD55025S-E Datasheet HTML 12Page - STMicroelectronics PD55025S-E Datasheet HTML 13Page - STMicroelectronics PD55025S-E Datasheet HTML 14Page - STMicroelectronics PD55025S-E Datasheet HTML 15Page - STMicroelectronics PD55025S-E Datasheet HTML 16Page - STMicroelectronics PD55025S-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PD55025-E, PD55025S-E
Circuit layout
13/22
Figure 22.
175MHz test circuit schematic (engineering)
Table 7.
175MHz test circuit component part list
Component
Description
C1, C6
300 pF CHIP CAPACITOR
C2, C3
91 pF CHIP CAPACITOR
C4, C14
75 pF CHIP CAPACITOR
C5
1-20 pF TRIMMER CAPACITOR
C7
.01
µF MOLDED CAPACITOR
C8, C13
10
µF ELECTROLYTIC CAPACITOR
C9, C12
.1
µF CHIP CAPACITOR
C10, C11
1000 pF CHIP CAPACITOR
C15, C16
1200 pF CHIP CAPACITOR
FB1, FB2
FERRITE BEAD
R1
33 K
Ω CHIP RESISTOR
R2
17
Ω CHIP RESISTOR
R3
15
Ω CHIP RESISTOR
R4
47
Ω CHIP RESISTOR
R5
220
Ω CHIP RESISTOR
L1
5 TURN, 16 AWG MAGNET WIRE, ID = .40” ,INDUCTOR
BOARD
ROGER, ULTRA LAM 2000, THK 0.030”,
εr = 2.55 2oz. ED cu 2 SIDES.
C
1
0
C
9
C
8
R
1
C
1
1
C
1
2
C
1
3
+
V
G
G
+
V
D
D
F
B
2
F
B
1
R
2
C
1
4
C
1
5
R
3
C
1
C
2
C
3
R
4
C
7
R
5
L
1
C
1
6
C
4
C
5
C
6
R
F
O
U
T
P
U
T
R
F
IN
P
U
T
C
1
0
C
9
C
8
R
1
C
1
1
C
1
2
C
1
3
+
V
G
G
+
V
D
D
F
B
2
F
B
1
R
2
C
1
4
C
1
5
R
3
C
1
C
2
C
3
R
4
C
7
R
5
L
1
C
1
6
C
4
C
5
C
6
R
F
O
U
T
P
U
T
R
F
IN
P
U
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com