Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12000LAH Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12000LAH
Description  6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12000LAH Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTH12000LAH Datasheet HTML 2Page - Texas Instruments PTH12000LAH Datasheet HTML 3Page - Texas Instruments PTH12000LAH Datasheet HTML 4Page - Texas Instruments PTH12000LAH Datasheet HTML 5Page - Texas Instruments PTH12000LAH Datasheet HTML 6Page - Texas Instruments PTH12000LAH Datasheet HTML 7Page - Texas Instruments PTH12000LAH Datasheet HTML 8Page - Texas Instruments PTH12000LAH Datasheet HTML 9Page - Texas Instruments PTH12000LAH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
For technical support and further information visit http://power.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Typical Characteristics
PTH12000L Characteristic Data, Vin =12 V (See Note A)
Efficiency vs Output Current
Power Dissipation vs Output Current
6-A, 12-V Input Non-Isolated
Wide-Output Adjust Power Module
SLTS202E– MAY 2003 – REVISED NOVENBER 2007
PTH12000L — 12-V Input
Output Ripple vs Load Current (See Note 3 to Table)
20
30
40
50
60
70
80
90
01
23
45
6
Output Current (A)
400LFM
200LFM
100LFM
Nat conv
Airflow
PTH12000L Safe Operating Area; Vin =12 V (See Note B)
Output Voltage
≤1.8 V
50
60
70
80
90
100
01
23
45
6
Output Current (A)
1.8 V
1.5 V
1.2 V
1.0 V
0.8 V
V
OUT
0
10
20
30
40
50
01
234
56
Output Current (A)
1.8 V
1.5 V
1.2 V
1.0 V
0.8 V
V
OUT
0
0.4
0.8
1.2
1.6
2
0123456
Output Current (A)
1.8 V
1.5 V
1.2 V
1.0 V
0.8 V
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com