Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1052 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA1052
Description  DSP/MCU system for CD-DA, CD-CA, CD-ROM player
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1052 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA1052 Datasheet HTML 6Page - STMicroelectronics STA1052 Datasheet HTML 7Page - STMicroelectronics STA1052 Datasheet HTML 8Page - STMicroelectronics STA1052 Datasheet HTML 9Page - STMicroelectronics STA1052 Datasheet HTML 10Page - STMicroelectronics STA1052 Datasheet HTML 11Page - STMicroelectronics STA1052 Datasheet HTML 12Page - STMicroelectronics STA1052 Datasheet HTML 13Page - STMicroelectronics STA1052 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package information
STA1052
12/14
4
Package information
In order to meet environmental requirements, ST (also) offers these devices in ECOPACK®
packages. ECOPACK® packages are lead-free. The category of second Level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 3.
LQFP144 (20x20x1.4mm) mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.600
0.0630
A1
0.050
0.150 0.0020
0.0059
A2
1.350
1.400
1.450 0.0531 0.0551 0.0571
b
0.170
0.220
0.270 0.0067 0.0087 0.0106
c
0.090
0.200 0.0035
0.0079
D
21.800 22.000 22.200 0.8583 0.8661 0.8740
D1
19.800 20.000 20.200 0.7795 0.7874 0.7953
D3
17.500
0.6890
E
21.800 22.000 22.200 0.8583 0.8661 0.8740
E1
19.800 20.000 20.200 0.7795 0.7874 0.7953
E3
17.500
0.6890
e
0.500
0.0197
L
0.450
0.600
0.750 0.0177 0.0236 0.0295
L1
1.000
0.0394
k
0˚(min.), 3.5˚(typ.), 7˚(max.)
ccc
0.080
0.0031
LQFP144 (20x20x1.40mm)
Low profile plastic Quad Flat Package
Note 1: Exact shape of each corner is optional.
0099183 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com