Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLS405 Datasheet(PDF) 4 Page - Clarke International

Part # CLS405
Description  405MM CIRCULAR LOGSAW
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CLS405 Datasheet(HTML) 4 Page - Clarke International

  CLS405 Datasheet HTML 1Page - Clarke International CLS405 Datasheet HTML 2Page - Clarke International CLS405 Datasheet HTML 3Page - Clarke International CLS405 Datasheet HTML 4Page - Clarke International CLS405 Datasheet HTML 5Page - Clarke International CLS405 Datasheet HTML 6Page - Clarke International CLS405 Datasheet HTML 7Page - Clarke International CLS405 Datasheet HTML 8Page - Clarke International CLS405 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY WARNINGS
WORK AREA
1. Keep the work area clean and well lit. Cluttered and dark areas invite
accidents.
2. DO NOT operate power tools in explosive atmospheres such as in the
presence of flammable liquids, gases or dust. Power tools create sparks
which may ignite dust or fumes.
3. Keep children and bystanders away while operating any power tool.
Distractions can cause you to lose control.
ELECTRICAL SAFETY
1. Power tools must match the power outlet. Never modify the plug in any
way. Do not use adaptor plugs with earthed (grounded) power tools.
Correct plugs and outlets will reduce the risk of electric shock.
2. DO NOT expose power tools to rain or wet conditions. Any water entering
power tools will increase the risk of electric shock.
3. DO NOT abuse the electrical cable. Never use the cable for pulling or
unplugging the power tool. Keep the cable away from sources of heat,
oil, sharp edges or moving parts. Damaged or tangled cables increase the risk
of electric shock.
4. Use outdoor extension leads. If working outdoors, always use an approved
cable extension suitable for the power rating of this tool (see specifications), the
conductor size should also be at least the same size as that on the machine, or
larger.
5. When using a cable reel, always unwind the cable completely. We
strongly recommend that this machine is connected to the mains supply via a
Residual Current Device (RCD).
PERSONAL SAFETY
1. Stay alert, watch what you are doing and use common sense when you
are operating a power tool. Do not operate a power tool when you are tired, ill
or under the influence of alcohol, drugs or medication. A moment of inattention
may result in personal injury.
2. Wear personal protective equipment including eye protection. Safety
equipment such as a dust mask, non-skid shoes or hearing protection used for
appropriate conditions will reduce personal injuries. Use a face or dust mask if
operation is particularly dusty. Wear ear protectors/defenders as the noise level of
this machine can exceed 85dB (A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com