Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC30
Description  8-INPUT NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC30 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC30 Datasheet HTML 1Page - STMicroelectronics M74HC30 Datasheet HTML 2Page - STMicroelectronics M74HC30 Datasheet HTML 3Page - STMicroelectronics M74HC30 Datasheet HTML 4Page - STMicroelectronics M74HC30 Datasheet HTML 5Page - STMicroelectronics M74HC30 Datasheet HTML 6Page - STMicroelectronics M74HC30 Datasheet HTML 7Page - STMicroelectronics M74HC30 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2001
s
HIGH SPEED:
tPD = 13ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 30
DESCRIPTION
The M74HC30 is an high speed CMOS 8-INPUT
NAND GATE fabricated with silicon gate C2MOS
technology.
The internal circuit is composed of 5 stages
including buffer output, which enables high noise
immunity and stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC30
8-INPUT NAND GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC30B1R
SOP
M74HC30M1R
M74HC30RM13TR
TSSOP
M74HC30TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC30 STMICROELECTRONICS-M74HC30 Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
M74HC30B1 STMICROELECTRONICS-M74HC30B1 Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
M74HC30B1R STMICROELECTRONICS-M74HC30B1R Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
M74HC30C1R STMICROELECTRONICS-M74HC30C1R Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
M74HC30M1R STMICROELECTRONICS-M74HC30M1R Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
More results

Similar Description - M74HC30

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC74HC30AP TOSHIBA-TC74HC30AP Datasheet
229Kb / 6P
8-INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
8-Input NAND Gate
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
8 Input NAND Gate
DM74LS30 FAIRCHILD-DM74LS30 Datasheet
45Kb / 4P
8-Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
8-input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
8-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com