Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3A11VT Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT3A11VT
Description  a range of TC/ VCTCXOs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT3A11VT Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT3A11VT Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACT3A11T (TCXO)
ACT53T 4 (TCXO)
Adjust to the nominal frequency
With internal trimmer
Square Wave ; 10TTL / 15pf
±3ppm Typical
(25°C ±2.0°C)
By internal trimmer
VCTCXO Only
Slope Polarity
Positive
Linearity
10% max
STABILITY Vs OPERATING TEMPERATURE
( Referenced to 25°C )
Deg C
±1.0ppm
±1.5ppm
±2.0ppm
±2.5ppm
-40 ~ +85
PACK ONE ( TC/VCTCXO )
PACK TWO ( TCXO ONLY )
(Typical for 10.0Mhz Device)
-135dBc/Hz max @ 1KHz offset
VCTCXO Only
Without internal trimmer
VCTCXO Only
Supply Current (max)
SSB Phase Noise (Typical)
Vcc
fo
Topr
Tstg
Δf/fo
Vin
Supply Voltage
Specification
5.0VDC, 8.0VDC & 12.0VDC (±5%)
10.00 ~ 40.00 MHz
Temp Operating Range
Parameter
Symbol
Frequency Range
Output
-55 to +85°C
-40 to +85°C
Fa
±0.2ppm for 5% change
±1.0ppm Typical @ 25°C ±2.0°C
See table below for available stabilities
Frequency Stability
Iop
±0.2ppm for 10% change
±1ppm / year max @25°C
Temp Storage Range
vs Change in Load
Initial Calibration Tolerance
Δf/fo
Aging
vs Change in Vcc
vs Operating Temp
Conditions
Please specify
( 3A11T = 5V0 only )
Specification
20mA max
Clipped Sine / Sine : 0.8V p~p min, 10K
Ω//10pf Load
2.5V ±2.0V @ 5v0Vcc
±5ppm ~ ±30ppm, ±15ppm Typical
Vcont
http://www.actcrystals.com
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT3A11VT (VCTCXO)
The ACT3A11T/ VT family is a range of TC/ VCTCXOs housed in a through hole package and
provides a high frequency stability across a wide temperature and supply voltage range. Parts are
available with internal trimmer options and clipped sine / sine and square wave outputs. The devices
offer good reliability and, whilst primarily developed for Telecommunications Applications, they have
been found to be very suitable for many other Networking, Ethernet, Audio & Modem Clocks, Set Top
Boxes, Phase Locked Loops, Video Games & many Consumer Applications.
Please note that all parameters can not necessarily be specified in the same device
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
VCTCXO Only
Frequency Tuning Range ( Mech' )
For quotations or further information please contact us at:
Customer to specify : Frequency, Supply Voltage, Frequency Stability, TCXO or VCTCXO ( T or VT ) & Package 1 or 2 for TCXO ( Pack 1 = T only )
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
2ms max
Start-up Time
Tosc
Control Voltage Range
Frequency Tuning Range (Voltage)
Issue:1 B3
Date: 11/08/04
1 of 1


Similar Part No. - ACT3A11VT

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3A01T ACT-ACT3A01T Datasheet
179Kb / 2P
a range of TC/ VCTCXOs
11/08/04
ACT3A01VT ACT-ACT3A01VT Datasheet
179Kb / 2P
a range of TC/ VCTCXOs
11/08/04
ACT3A04T ACT-ACT3A04T Datasheet
175Kb / 2P
a range of low frequency TC/ VCTCXOs
11/08/04
ACT3A04VT ACT-ACT3A04VT Datasheet
175Kb / 2P
a range of low frequency TC/ VCTCXOs
11/08/04
More results

Similar Description - ACT3A11VT

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3A01T ACT-ACT3A01T Datasheet
179Kb / 2P
a range of TC/ VCTCXOs
11/08/04
ACT3A04T ACT-ACT3A04T Datasheet
175Kb / 2P
a range of low frequency TC/ VCTCXOs
11/08/04
ACT7VC14 ACT-ACT7VC14 Datasheet
199Kb / 3P
a range of cost competitive VCXOs
08/11/04
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
a range of VCTCXOs
11-10-05
ACT75T-4 ACT-ACT75T-4 Datasheet
121Kb / 2P
a range of TC/ VCTCXOs
15/02/05
ACT381T-4 ACT-ACT381T-4 Datasheet
87Kb / 1P
a range of four and six pad TCXOs and VCTCXOs
15/11/05
ACT381T ACT-ACT381T Datasheet
92Kb / 1P
ange of four and six pad TCXOs and VCTCXOs
15/11/05
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
ACT3000 ACT-ACT3000 Datasheet
158Kb / 2P
TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
10/08/04
logo
Micron Technology
MT40A1G8WE-075E MICRON-MT40A1G8WE-075E Datasheet
11Mb / 358P
Refresh time of 8192-cycle at TC temperature range
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com