Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7CSV-6 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT7CSV-6
Description  6-pad miniature SMD Voltage Controlled Crystal Oscillators (VCXO)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT7CSV-6 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT7CSV-6 Datasheet HTML 1Page - Advanced Crystal Technology ACT7CSV-6 Datasheet HTML 2Page - Advanced Crystal Technology ACT7CSV-6 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specification
Vdd
Please specify
N/CL
VOL
VOH
VCNT
VIH
VIL
Standard Frequencies (MHz)
Issue
1T6
Date
Re-flow condition
260°C 10s max
Phase Jitter
10ps max
12kHz - 20MHz
Supply Current
f0<30MHz 30mA max f0>30MHz 45mAmax
Iop
Start-up Time
10ms max
Tosc
Rise and Fall Time
5.0ns max
0.1x Vdd to 0.9 x Vdd
Tr/Tf
40/60%
Tw/t
Condition
Frequency Range
1.5 ~ 200MHz
Please specify
Symbol
26/08/2005
ACT7CSV-6
Parameter
Specification
Output Load
f0
Output
Please specify
Supply Voltage
Δf/f
0
Topr
Tstg
Duty Cycle
*30pF available enquire
Aging
Output Level '1'
2.4V
Output Level '0'
0.4V
0.5V
Control Voltage
4.095
6.175
Frequency Stability
Δf/f
0
+/-25ppm, +/-50ppm, +/-100ppm
Please specify
+/-3ppm/year max
Enable Voltage High
2.97Vdc
1.543
77.76
Operating Temperature Range
-10 ~ +70°C, '-40 ~ +85°C
Please specify
Storage Temperature Range
-55 ~ +125°C
Enable voltage Low
0.33Vdc
4.5Vdc
Standby Current
IST
5mA max
Output Enable Low
Output Disable time
TDIS
5ns max
Output Enable Time
TEN
5ns max
Pulling
Δf/V
CNT
+/-100ppm minimum or specify
Please specify
Linearity/Slope
+/-10% Positive Monotocic
Input Impedance
RCNT
80K
Ω typical
17.664
35.328
44.736
20.48
32.768
38.88
51.84
34.368
40.96
19.44
27.0
10.575
16.384
19.2
24.704
TTL
CMOS
15pF*
15pF*
0.3 ~ 3.0Vdc
5Vdc+/-10%
0.5 ~ 4.5Vdc
5.5Vdc
0.33Vdc
4.5V
2.97Vdc
3.3Vdc+/-10%
10TTL
The ACT7CSV-6 is a family of 6-pad miniature SMD Voltage Controlled Crystal Oscillators (VCXO)
housed in a 7 x 5 mm ceramic package with a metal lid. Only 1.5mm high they are ideal for high
density automatic assembly printed circuit boards. These devices can be pulled ±100ppm from the
nominal frequency by varying the voltage on pin 1. Applications include PLL circuits, Cellular (PCS)
Telephony, Set Top Box, MP3 Player, Audio/Video, Video Game Console, HDTV, SATCOM, GPS
Receivers and & many more..
Please note that all parameters can not necessarily be specified in the same device.
Customer to specify: Frequency, Output, Vdd, Load, Pulling, Stability, Operating Temperature
n line with our ongoing policy of product evolvement the above specification may be subject to change without notice
.
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre: Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Page 1 of 3


Similar Part No. - ACT7CSV-6

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT7000 ACT-ACT7000 Datasheet
44Kb / 1P
4-pin through hole Voltage Controlled Crystal Oscillators (VCXO)
10/08/04
logo
Aeroflex Circuit Techno...
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
ACT 7000SC 64-Bit Superscaler Microprocessor
ACT7005 AEROFLEX-ACT7005 Datasheet
452Kb / 29P
ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
ACT7006 AEROFLEX-ACT7006 Datasheet
452Kb / 29P
ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
logo
Concordia Technologies ...
ACT710X9.0 CONCORDIATECHNOLOGIES-ACT710X9.0 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
More results

Similar Description - ACT7CSV-6

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-400 VECTRON-VC-400 Datasheet
78Kb / 4P
Voltage Controlled Crystal Oscillators (VCXO?셲)
logo
Advanced Crystal Techno...
ACT5CSV-4 ACT-ACT5CSV-4 Datasheet
142Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/04/06
ACT8MSV ACT-ACT8MSV Datasheet
116Kb / 2P
4/6-pad surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/09/04
ACT9CSV-6 ACT-ACT9CSV-6 Datasheet
159Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
ACT9CSV ACT-ACT9CSV Datasheet
96Kb / 1P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
ACT9SVH-6 ACT-ACT9SVH-6 Datasheet
191Kb / 2P
a 6-pad miniature SMD Voltage Controlled Crystal Oscillator (VCXO)
29-09-05
ACT9PSV-4 ACT-ACT9PSV-4 Datasheet
109Kb / 2P
4 & 6 pad miniature surface mount Voltage Controlled Crystal Oscillators
15/11/05
ACT8CSV-4 ACT-ACT8CSV-4 Datasheet
121Kb / 2P
4 and 6 pad miniature SMD Voltage Controlled Crystal Oscillators
15/11/05
logo
Kyocera Kinseki Corpota...
KV7050A KSS-KV7050A Datasheet
129Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050G-P3 KSS-KV7050G-P3 Datasheet
126Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com