Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7PT532-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT7PT532-4
Description  a range of SMD TXCO/VCTCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT7PT532-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT7PT532-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT7PT532-4 Datasheet HTML 2Page - Advanced Crystal Technology ACT7PT532-4 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specification
Vdd
Iop
Iop
Frequency Tolerance after 2 x Reflow Processes.
Issue
1T6
Date
±0.1V
Slope
ACT7PVT-532-4 only
±0.3ppm max
±3.0ppm (standard)
Positive
±0.3ppm max
ACT7PVT-532-4 only
Control Voltage
ACT7PVT-532-4 only
Frequency Stability Vs Load
±10%
others available enquire
Df/f0
±10.5ppm
±11.55ppm
1.5±1.5V
Output Level
Pulling maximum
Df/VCNT
±20ppm
±22.4ppm
±24ppm
±26.4ppm
ACT7PVT-532-4 only
±9.8ppm
Output
Clipped sine or Sine
Please specify
21/09/2005
ACT7PT532-4 ACT7PVT532-4
Parameter
Specification
Output Load
f0
±1.0ppm/year max
N/CL
Condition
Frequency Range
13.00 ~ 26.00 MHz
Please specify
Symbol
Aging
Operating Temperature Range
others available enquire
Storage Temperature Range
VOUT
0.6V pk-pk min
VCNT
-130dBc/Hz Typical
Start-up Time
Tosc
Df/f0
5mS max
See diagram page 2
265°C 10sec max total time 500sec max
@ 25°C
@ 25°C
±2.0ppm
-5dBc max
Frequency Stability Vs Vdd
Re-flow condition
Harmonics
Phase Noise
Tstg
Frequency Tolerance
1.4±1.4V
Pulling minimum
Df/VCNT
Frequency Stability Vs Topr
1.3mA
-30 ~ +85°C
3.3Vdc
1.5mA
1.65±1.65V
±8.75ppm
2.8Vdc
3.0Vdc
AC coupled into 10K
Ω//10pF
1.25±1.25V
-40 ~ +85°C
±2.0ppm
Supply Voltage (±0.1V)
Please specify
2.5Vdc
Topr
Supply Current typical
Supply Current maximum
The ACT7PT532-4 and ACT7PVT532-4 family is a range of SMD TXCO/VCTCXO housed in a
ceramic package either a grounded metal lid. The grounded lid will assist with EMI reduction and the
seam welded construction offers good long term stability. The device is offered in a range of supply
voltage options from 2.5V to 3.3V and a frequency stability from +/-3ppm. The output is either sine
wave or clipped sine wave. Its small size makes this device suitable for a large range of consumer
applications including wireless, set top box, PLL, hand sets, WIFI, and GPS.
Please note that all parameters can not necessarily be specified in the same device.
Customer to specify: VCTCXO or TCXO, Frequency, Output, Vdd, Stability and Temperature
n line with our ongoing policy of product evolvement the above specification may be subject to change without notice
.
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre: Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Lead Free - RoHS comp.
Pad surface material
0.3-0.6um Au over 2-6um Ni
Page 1 of 3


Similar Part No. - ACT7PT532-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT7000 ACT-ACT7000 Datasheet
44Kb / 1P
4-pin through hole Voltage Controlled Crystal Oscillators (VCXO)
10/08/04
logo
Aeroflex Circuit Techno...
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
ACT 7000SC 64-Bit Superscaler Microprocessor
ACT7005 AEROFLEX-ACT7005 Datasheet
452Kb / 29P
ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
ACT7006 AEROFLEX-ACT7006 Datasheet
452Kb / 29P
ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
logo
Concordia Technologies ...
ACT710X9.0 CONCORDIATECHNOLOGIES-ACT710X9.0 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
More results

Similar Description - ACT7PT532-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
a range of VCTCXOs
11-10-05
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
logo
TAI-SAW TECHNOLOGY CO.,...
TX0104A TAI-SAW-TX0104A Datasheet
196Kb / 5P
SMD 5x3.2 13MHz VCTCXO
TX0108A TAI-SAW-TX0108A Datasheet
340Kb / 7P
SMD 5.0x3.2 19.2MHz VCTCXO
TX0130A TAI-SAW-TX0130A Datasheet
265Kb / 6P
SMD 3.2x2.5 13.0MHz VCTCXO
TX0351A TAI-SAW-TX0351A Datasheet
346Kb / 7P
VCTCXO SMD 3.2x2.5 13.57285156MHz
TX0216A TAI-SAW-TX0216A Datasheet
231Kb / 7P
SMD 5.0x3.2 20MHz VCTCXO
REV. NO.: 5.0
TX0406A TAI-SAW-TX0406A Datasheet
338Kb / 6P
SMD 5.0x3.2 14.7456MHz VCTCXO
REV. NO.: 2.0
TX0440A TAI-SAW-TX0440A Datasheet
332Kb / 7P
VCTCXO SMD 2.5x2.0 19.2000MHz
REV. NO.: 1
TX0499A TAI-SAW-TX0499A Datasheet
250Kb / 7P
SMD 5.0x3.2 12.8MHz VCTCXO
REV. NO.: 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com