Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT26 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT26
Description  a miniature cylindrical
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT26 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT26 Datasheet HTML 1Page - Advanced Crystal Technology ACT26 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
( Typical )
Frequency
ESR
KHz
K
Ω max
25.00 ~ 30.00
50
30.00 ~ 32.00
40
32.00 ~ 40.00
35
40.00 ~ 80.00
30
80.00 ~ 150.00
25
150.00 ~ 200.00
40
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
ACT26
Specification
Specification
Symbol
Parameter
The ACT26 is a miniature cylindrical package offering high vibration and shock resistance
together with high stability. It is most suitable for portable equipment and close packing
density. The series offers a wide, low frequency range and is popular for use in
Microprocessor, Consumer and Instrumentation applications
Frequency Range
Frequency Tolerance @25°C
Turnover Temperature
Freq. Temp. coefficient
Temp Operating Range
Temp Storage Range
Equivalent Series Resistance
Shunt Capacitance
Load Capacitance
Motional Capacitance
Drive Level
Capacitance Ratio
Q Factor
Insulation Resistance
Aging
fo
Δf/fo
Tm
β
DL
IR
Topr
Tstg
ESR
C0
γ
CL
C1
See Table
1.8pF typical
25.00 ~ 200KHz
±10ppm ~ 100ppm
25°C ±5°C
-0.034 ± 0.006ppm / °C² max
-10 ~ +60°C
-20 ~ +70°C
3.0fF
Fa
Qf
±5ppm
450 typical
1.0
μ W max
@ 25°C ±3°C
Please note that all parameters can not necessarily be specified in the same device
Customer to Specify : Frequency, Frequency Tolerance, Operating Temperature Range & Load Capacitance
Condition
150KHz ~ 200KHz, supplied
as ±100ppm only
@ 25°C
Please specify
60,000 typical
500M
Ω Min
12.5pF (Others available.)
6.0 max
7.0
∅
Dimensions in mm
2.0
0.24 ± 0.07
0.65 ± 0.15
Issue : 3C1
Date : 03/08/04
1 of 2


Similar Part No. - ACT26

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT26SMX ACT-ACT26SMX Datasheet
281Kb / 3P
a miniature cylindrical SMD
04/07/2006
More results

Similar Description - ACT26

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT26SMX ACT-ACT26SMX Datasheet
281Kb / 3P
a miniature cylindrical SMD
04/07/2006
ACT38 ACT-ACT38 Datasheet
43Kb / 2P
a miniature cylindrical
07/09/04
ACTJ206SMX ACT-ACTJ206SMX Datasheet
295Kb / 2P
miniature surface mount Watch Crystal in a cylindrical
23/03/07
ACTJ206SMX ACT-ACTJ206SMX_12 Datasheet
183Kb / 3P
miniature surface mount Watch Crystal in a cylindrical
31-05-2012
logo
Amphenol Corporation
12-070 AMPHENOL-12-070 Datasheet
1Mb / 80P
Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
Amphenol Miniature Cylindrical Connectors
PT-SERIES AMPHENOL-PT-SERIES Datasheet
5Mb / 52P
Miniature Cylindrical Connectors
12-070-20
12_070-180554 AMPHENOL-12_070-180554 Datasheet
1Mb / 81P
Miniature Cylindrical Connectors
PT AMPHENOL-PT Datasheet
5Mb / 52P
Miniature Cylindrical Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com