Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT31SMX Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT31SMX
Description  a compact SMD crystal resonator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT31SMX Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT31SMX Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.579545-10MHz
±10~50ppm (±30ppm typical)
±30~50ppm (±30ppm typical)
-10 ~ +70°C
-40 ~ +85°C
200
Ω max
fo 3.579545~3.999MHz
150
Ω max
fo 4.0~4.999MHz
120
Ω max
fo 5~5.999MHz
100
Ω max
fo 6~6.999MHz
80
Ω max
fo 7~8.999MHz
60
Ω max
fo 9~10MHz
5.0pF typical
16.0pF Typical
Others available
1~100
μ W
500M
Ω Min
DC100V±15V
±5ppm max
@ 25°C ±3°C 1st year
Suggested footprint
To limit the heat transfer to the crystal element it is recommended
that the solder paste for the can connection is limited to 2.0x2.0
anywhere within the 2.0x5.0 footprint area
Please enquire for tape and reel specifications.
Customer to specify : Frequency, Frequency Tolerance, Frequency Stability, Load Capacitance
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
reflow profile
ISO9001: 2000 Registered
For quotations or further information please contact us a
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Recommended
The ACT31SMX is a compact SMD crystal resonator offering high vibration and shock
resistance together with high stability. It is very suitable for portable equipment and close
packing density. The device is offered with frequencies between 3.579545 and 10.0MHz.
ACT31SMX
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
C0
Fa
IR
Tstg
ESR
fo
Δf/fo
Δf/fo
Topr
Condition
Load Capacitance
Drive Level
Parameter
Frequency
Frequency Tolerance @25°C
Frequency Stability @ -10~+60°C
CL
DL
Symbol
Specification
Insulation Resistance
Aging
Temp Operating Range
Temp Storage Range
Equivalent Series Resistance
Shunt Capacitance
Specification (Reels of 1K pieces)
Please specify
Please specify
AT cut Fundamental
Issue:2 C1b
Date :09/05/07
Plating on leads SnCu
Plating on Can Ni
Dimensions (mm)
Page 1


Similar Part No. - ACT31SMX

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT31 ACT-ACT31 Datasheet
54Kb / 1P
a compact crystal resonator
07/09/04
ACT31 ACT-ACT31_12 Datasheet
77Kb / 2P
a compact crystal resonator
31-5-2012
More results

Similar Description - ACT31SMX

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT31 ACT-ACT31 Datasheet
54Kb / 1P
a compact crystal resonator
07/09/04
logo
Shenzhen Luguang Electr...
HCX-4SB LUGUANG-HCX-4SB Datasheet
415Kb / 8P
SMD Quartz Crystal Resonator
SMD7.0X5.0 LUGUANG-SMD7.0X5.0 Datasheet
423Kb / 8P
SMD Quartz Crystal Resonator
SMD2520 LUGUANG-SMD2520 Datasheet
318Kb / 8P
SMD Quartz Crystal Resonator
SMD5032 LUGUANG-SMD5032 Datasheet
474Kb / 8P
SMD Quartz Crystal Resonator
logo
Advanced Crystal Techno...
ACT31 ACT-ACT31_12 Datasheet
77Kb / 2P
a compact crystal resonator
31-5-2012
ACT39-38A ACT-ACT39-38A Datasheet
58Kb / 2P
a compact crystal resonator
07/09/04
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0694A TAI-SAW-TZ0694A Datasheet
257Kb / 4P
HC49-SMD 4.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0696A TAI-SAW-TZ0696A Datasheet
257Kb / 4P
HC49-SMD 8.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0851A TAI-SAW-TZ0851A Datasheet
246Kb / 3P
HC49-SMD 25.000MHz Crystal Resonator
REV. NO.: 1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com