Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT38 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT38
Description  a miniature cylindrical
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT38 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT38 Datasheet HTML 1Page - Advanced Crystal Technology ACT38 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
(For MHz frequencies in this package please see ACT39/38A)
( Typical )
DIMENSIONS (mm)
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
@ 25°C ±3°C
Please note that all parameters can not necessarily be specified in the same device
Customer to Specify : Frequency, Frequency Tolerance, Operating Temperature Range & Load Capacitance
Condition
@ 25°C
Please specify
60,000 typical
500M
Ω Min
12.5pF (Others available.)
Fa
Qf
±5ppm
1.0
μ W max
C1
3.0fF typical
20~40K
Ω
1.8pF max
30.00 ~ 100KHz
25°C ±5°C
-0.034 ± 0.005ppm / °C² max
-10 ~ +60°C
-40 ~ +85°C
±20ppm typical (5 to 100ppm available)
Tstg
ESR
C0
CL
Q Factor
Insulation Resistance
Aging
fo
Δf/fo
Tm
β
DL
IR
Topr
Shunt Capacitance
Load Capacitance
Motional Capacitance
Drive Level
Freq. Temp. coefficient
Temp Operating Range
Temp Storage Range
Equivalent Series Resistance
The ACT38 is a miniature cylindrical package offering high vibration and shock resistance
together with high stability. It is most suitable for portable equipment and close packing
density. The series offers a wide, low frequency range and is popular for use in
Microprocessor, Consumer and Instrumentation applications
Frequency Range
Frequency Tolerance @25°C
Turnover Temperature
Please specify
ISO9001: 2000 Registered
ACT38
Specification
Specification
Symbol
Parameter
Issue : 2 C1
Date : 07/09/04
1 of 2


Similar Part No. - ACT38

ManufacturerPart #DatasheetDescription
logo
Concordia Technologies ...
ACT380X12.7 CONCORDIATECHNOLOGIES-ACT380X12.7 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
ACT380X7.6 CONCORDIATECHNOLOGIES-ACT380X7.6 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
logo
Advanced Crystal Techno...
ACT381T ACT-ACT381T Datasheet
92Kb / 1P
ange of four and six pad TCXOs and VCTCXOs
15/11/05
ACT381T-4 ACT-ACT381T-4 Datasheet
87Kb / 1P
a range of four and six pad TCXOs and VCTCXOs
15/11/05
ACT381T-4 ACT-ACT381T-4 Datasheet
92Kb / 1P
ange of four and six pad TCXOs and VCTCXOs
15/11/05
More results

Similar Description - ACT38

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT26 ACT-ACT26 Datasheet
56Kb / 2P
a miniature cylindrical
03/08/04
ACT26SMX ACT-ACT26SMX Datasheet
281Kb / 3P
a miniature cylindrical SMD
04/07/2006
ACTJ206SMX ACT-ACTJ206SMX Datasheet
295Kb / 2P
miniature surface mount Watch Crystal in a cylindrical
23/03/07
ACTJ206SMX ACT-ACTJ206SMX_12 Datasheet
183Kb / 3P
miniature surface mount Watch Crystal in a cylindrical
31-05-2012
logo
Amphenol Corporation
12-070 AMPHENOL-12-070 Datasheet
1Mb / 80P
Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
Amphenol Miniature Cylindrical Connectors
PT-SERIES AMPHENOL-PT-SERIES Datasheet
5Mb / 52P
Miniature Cylindrical Connectors
12-070-20
12_070-180554 AMPHENOL-12_070-180554 Datasheet
1Mb / 81P
Miniature Cylindrical Connectors
PT AMPHENOL-PT Datasheet
5Mb / 52P
Miniature Cylindrical Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com