Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT53T-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT53T-4
Description  a range of VCTCXOs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT53T-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT53T-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT53T-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ACT53T- 4 (TCXO)
ACT53T-4 (TCXO)
Slope Polarity
Linearity
TABLE 1
TABLE 2
STABILITY Vs OPERATING TEMPERATURE
±1.0ppm
±1.5ppm
±2.0ppm
±2.5ppm
Issue 4 B3
Date 11-10-05
See table 1
Positive
10% max
10MHz,12.8MHz,13.0MHz,14.4MHz, 15.36MHz, 19.2MHz, 19.68MHz,
20MHz, 26MHz
-135dBc/Hz max @ 1KHz offset
±1ppm / year max @25°C
SSB Phase Noise (Typical)
Iop
Supply Current (max)
Vcont
Control Voltage Range
±0.3ppm max for 10% change
±0.3ppm max for 5% change
±1.0ppm Typical @ 25°C ±2.0°C
Vin
Supply Voltage
Temp Storage Range
Initial Calibration Tolerance
Frequency Stability
Vcc
fo
Topr
Tstg
Specification
3.0VDC ±5%
Temp Operating Range
Parameter
Symbol
Frequency Range
Specification
See table 2
1.5V ±1.0
±12ppm Typical
2mA max
See table below for available stabilities
Clipped Sine : 0.8V p~p, 10K
Ω//10pf Load
vs Operating Temp
Conditions
-40 to +85°C
vs Load
Fa
Aging
vs Input Voltage
Δf/fo
Δf/fo
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT53VT- 4 (VCTCXO)
2ms max
Start-up Time
Tosc
Please specify
Please specify
Please specify
Please specify
Frequency Tuning Range
N/CL
Output Load
-30~75
VCTCXO Only ( VT53 )
VCTCXO Only ( VT53 )
VCTCXO Only ( VT53 )
VCTCXO Only ( VT53 )
±3.0ppm
0~50
Deg C
The ACT53VT family is a range of VCTCXOs housed in a ceramic package with a metal lid and is
seam welded for good longer term stability The pads are gold plated and the lid is grounded via the
package to assist with EMI reduction.
Applications include Networking, Ethernet, Audio & Modem Clocks, Set Top Boxes, Phase Locked
Loops, Telecomms, Video Games, WIFI, GPS & many Consumer Applications.
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
(For 13.0Mhz Device)
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Supply Voltage, Frequency Stability, Operating Temperature Range, Output Type & 53T or 53VT
ISO9001:2000 Registered
-10~60
-20~70
53L is low height option - available
to custom order.
Pad surface
material Au.


Similar Part No. - ACT53T-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT530SMX-2 ACT-ACT530SMX-2 Datasheet
129Kb / 2P
2/4 pad, high quality, low aging 5x3.2mm SMD
24/01/07
ACT530SMX-4 ACT-ACT530SMX-4 Datasheet
129Kb / 2P
2/4 pad, high quality, low aging 5x3.2mm SMD
24/01/07
ACT530SMX-4 ACT-ACT530SMX-4_12 Datasheet
241Kb / 3P
low cost, 4 & 2pad, high quality
19-09-2012
ACT531SMX-4 ACT-ACT531SMX-4 Datasheet
116Kb / 2P
4 pad, high quality, low aging, seam welded packaged crystal.
23/01/06
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
More results

Similar Description - ACT53T-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3A01T ACT-ACT3A01T Datasheet
179Kb / 2P
a range of TC/ VCTCXOs
11/08/04
ACT3A04T ACT-ACT3A04T Datasheet
175Kb / 2P
a range of low frequency TC/ VCTCXOs
11/08/04
ACT3A11T ACT-ACT3A11T Datasheet
99Kb / 1P
a range of TC/ VCTCXOs
11/08/04
ACT7VC14 ACT-ACT7VC14 Datasheet
199Kb / 3P
a range of cost competitive VCXOs
08/11/04
ACT75T-4 ACT-ACT75T-4 Datasheet
121Kb / 2P
a range of TC/ VCTCXOs
15/02/05
ACT381T-4 ACT-ACT381T-4 Datasheet
87Kb / 1P
a range of four and six pad TCXOs and VCTCXOs
15/11/05
ACT381T ACT-ACT381T Datasheet
92Kb / 1P
ange of four and six pad TCXOs and VCTCXOs
15/11/05
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
ACT3000 ACT-ACT3000 Datasheet
158Kb / 2P
TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
10/08/04
logo
List of Unclassifed Man...
T2301 ETC1-T2301 Datasheet
473Kb / 9P
A range of professional quality tweezers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com