Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFS Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # FFS
Description  High performance ferrite sheet achieves excellent noise suppression simply by affixing it to desired areas.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

FFS Datasheet(HTML) 1 Page - KITAGAWA GmbH

  FFS Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
25
Dimensions
Application
● PET with adhesive layer
● Ferrite sheet
● Double-sided adhesive tape
High performance ferrite sheet achieves excellent noise
suppression simply by affixing it to desired areas.
● Excellent noise suppression in low frequency range compared to metal filler electromagnetic noise suppression
sheet.
● Heat resistant tape allows application for areas where temperature can be elevated.
● Excellent insulation property due to its sintered body.
Feature
Material
SMARTPLY
/FFS
Properties
■ EMC suppression for IC
A,B:Soft ferrite
C,D
:Profile(PET with adhesive layer)
①PET with an adhesive layer
②Ferrite sheet
③Double-sided adhesive tape
Adhesive layer
①
②
③
②
③
B
D
Unit:mm
※Custom designs available.
Please contact our sales representative for further information.
FFS-0.3-1010T
FFS-0.3-1020T
FFS-0.3-1515T
FFS-0.3-2020T
FFS-0.3-2030T
FFS-0.3-2525T
FFS-0.3-3030T
FFS-0.3-5050T
Part No.
11.5
16.5
21.5
26.5
31.5
55
11.5
21.5
16.5
21.5
31.5
26.5
31.5
55
C
D
10
15
20
25
30
50
10
20
15
20
30
25
30
50
A
B
Frequency [MHz]
0
100
200
1
10
100
1000
FFS μr’
FFS μr”
※The values are measured for reference,
not guaranteed.
Metal filler EMC noise suppression sheet μr”
Metal filler EMC noise suppression sheet μr’
FFS
IC
※It is not advisable to reuse the product once it is removed.
Gently bend the liner
while take the ferrite
sheet off.
Mounting FFS onto IC device


Similar Part No. - FFS

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
FFS KGS-FFS Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
FFS-0.3-1010T KGS-FFS-0.3-1010T Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
FFS-0.3-1020T KGS-FFS-0.3-1020T Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
FFS-0.3-1515T KGS-FFS-0.3-1515T Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
FFS-0.3-2020T KGS-FFS-0.3-2020T Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
More results

Similar Description - FFS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FB73-085-RC BOURNS-FB73-085-RC Datasheet
488Kb / 2P
Excellent EMI suppression
logo
RF Monolithics, Inc
SF2111A RFM-SF2111A Datasheet
437Kb / 4P
Excellent Size-to-Performance Ratio
SF2140A RFM-SF2140A Datasheet
97Kb / 5P
Excellent Size-to-Performance Ratio
SF2140A-1 RFM-SF2140A-1 Datasheet
644Kb / 6P
Excellent Size-to-Performance Ratio
logo
TT Electronics.
CHC TTELEC-CHC Datasheet
1Mb / 4P
Excellent high frequency performance
logo
Abracon Corporation
ASTXR-12-26.000MHZ-511741 ABRACON-ASTXR-12-26.000MHZ-511741 Datasheet
3Mb / 4P
Excellent phase noise performance
07.11.14
ASTXR-12-26.000MHZ-511911 ABRACON-ASTXR-12-26.000MHZ-511911 Datasheet
3Mb / 4P
Excellent phase noise performance
07.11.14
ASTXR-12-26.000MHZ-512883 ABRACON-ASTXR-12-26.000MHZ-512883 Datasheet
3Mb / 4P
Excellent phase noise performance
07.11.14
ASTXR-13-26.000MHZ-509764 ABRACON-ASTXR-13-26.000MHZ-509764 Datasheet
3Mb / 4P
Excellent phase noise performance
07.23.14
logo
ECS, Inc.
LTS ECS-LTS Datasheet
562Kb / 1P
Excellent spurious suppression
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com