Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFSW Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # FFSW
Description  Thinner and flexible ferrite sheet for wireless charging
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

FFSW Datasheet(HTML) 1 Page - KITAGAWA GmbH

  FFSW Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
27
※The values are measured data for reference, not guaranteed.
Application
・Magnetic field generated in charge is shield, and do not affect the other elements.
・It is improved magnetic rotation and charging efficiency, too.
FFSW
Magnetic
field
Coil
● PET with adhesive layer
● Ferrite sheet
● Double-sided adhesive tape
Material
SMARTPLY
/FFSW
Properties
Frequency[MHz]
0
100
200
300
400
500
600
700
0.01
0.1
1
10
μ'
μ"
● It is higher permeability magnetic sheet which is suitable for magnetic shield and improving
performance of wireless charging system according to international standard around 100kHz
such as Qi standard.
● S
intered ferrite material with flexibility enables higher drop impact resistance.
● Suitable for thinner design of module. (Total thickness of product: 0.21mm)
● C
ustom profile is available upon request.
Feature
Thinner and flexible ferrite sheet for wireless charging
■ Permeability
■ Wireless charging system
■ Charging efficiency between antennas.
◆Measurement results
◆Test specification
64.6%
87.7%
50%
60%
70%
80%
90%
2.9%
Sample
Sample
Spectrum
Analyzer
Signal
Generator
Operating frequency
Gap between two antennas
100kHz
10mm
φ50mm
Sample
FFSXーH(μ≒110) FFSW
Transmission
Charging efficiency is improved !!
Receiving antenna
Transmission antenna
Antenna size
Reference
Installation
Installation
D
①
②
③
②
③
B
A,B:Soft ferrite
C,D:Profile(PET with adhesive layer)
①PET with an adhesive layer
②Ferrite sheet
③Double-sided adhesive tape
Adhesive layer
FFSW-0.1-5060T
A
B
C
D
50
60
52
62
Part No.
Unit:mm
E
F
0.1
0.21
※Custom designs available. Please contact our sales representative for further information.


Similar Part No. - FFSW

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
FFS KGS-FFS Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
FFS KGS-FFS Datasheet
717Kb / 1P
High performance ferrite sheet achieves excellent noise suppression simply by affixing it to desired areas.
FFS-0.3-1010T KGS-FFS-0.3-1010T Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
FFS-0.3-1010T KGS-FFS-0.3-1010T Datasheet
717Kb / 1P
High performance ferrite sheet achieves excellent noise suppression simply by affixing it to desired areas.
FFS-0.3-1020T KGS-FFS-0.3-1020T Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
More results

Similar Description - FFSW

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
WR221230-36M8-G TDK-WR221230-36M8-G Datasheet
76Kb / 4P
Wireless Charging
WR222230-26M8-G TDK-WR222230-26M8-G Datasheet
72Kb / 4P
Wireless Charging
WR301025-19M8-G TDK-WR301025-19M8-G Datasheet
76Kb / 4P
Wireless Charging
WRM483245 TDK-WRM483245 Datasheet
100Kb / 5P
Wireless Charging
WTM505090-10K2-5V-G1 TDK-WTM505090-10K2-5V-G1 Datasheet
105Kb / 4P
Wireless charging
logo
Central Technologies
CTRX324517SF-140K CT-CTRX324517SF-140K Datasheet
175Kb / 1P
Wireless Charging Coils
CTRX324815BF-120K CT-CTRX324815BF-120K Datasheet
209Kb / 1P
Wireless Charging Coils
CTTX504335BF-6R3K CT-CTTX504335BF-6R3K Datasheet
220Kb / 1P
Wireless Charging Coils
CTTX504424SF-6R3K CT-CTTX504424SF-6R3K Datasheet
222Kb / 1P
Wireless Charging Coils
logo
Infineon Technologies A...
IRL60HS118 INFINEON-IRL60HS118 Datasheet
1Mb / 16P
Wireless charging
V1.2 2017-03-29
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com