Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT75VT-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT75VT-4
Description  a range of TC/ VCTCXOs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT75VT-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT75VT-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT75VT-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ACT75T- 4 (TCXO)
ACT53T 4 (TCXO)
VCTCXO Only
Slope Polarity
Positive
Linearity
10% max
STABILITY Vs OPERATING TEMPERATURE
Deg C
±1.0ppm
±1.5ppm
±2.0ppm
±2.5ppm
±3.0ppm
0~50
-10~60
-20~70
-30~75
DIMENSIONS (mm)
For quotations or further information please contact us at:
Customer to specify : Frequency, Supply Voltage, Frequency Stability, Operating Temperature Range, Polarity & Package
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT75VT- 4 (VCTCXO)
The ACT75T/ VT family is a range of TC/ VCTCXOs housed in a ceramic package with a metal lid
and is seam welded for good longer term stability The pads are gold plated and the lid is grounded via
the package to assist with EMI reduction.
Applications include Networking, Ethernet, Audio & Modem Clocks, Set Top Boxes, Phase Locked
Loops, Telecomms, Video Games, WIFI,GPS & many Consumer Applications.
Please note that all parameters can not necessarily be specified in the same device
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
VCTCXO Only
2ms max
Start-up Time
Tosc
N/CL
2mA max
Clipped Sine : 0.8V p~p min, 10K
Ω//10pf Load
1.5V ±1.0
±12ppm Typical
Vcont
Control Voltage Range
vs Operating Temp
Conditions
Please specify
Specification
±0.3ppm max for 10% change
±1ppm / year max @25°C
Temp Storage Range
Initial Calibration Tolerance
vs Load
Output Load
-40 to +85°C
See table
Fa
±0.3ppm max for 5% change
±1.0ppm Typical @ 25°C ±2.0°C
See table below for available stabilities
Frequency Stability
Iop
Frequency Tuning Range
Aging
Specification
3.0VDC ±5%
8.00 ~ 30.00 MHz
Temp Operating Range
Parameter
Symbol
vs Input Voltage
Supply Current (max)
SSB Phase Noise (Typical)
Vcc
fo
Topr
Tstg
Δf/fo
Δf/fo
Vin
Supply Voltage
Frequency Range
(For 10.0Mhz Device)
-135dBc/Hz max @ 1KHz offset
Please specify
VCTCXO Only
VCTCXO Only
Issue : 3 B3
Date : 15/02/05
1 of 2


Similar Part No. - ACT75VT-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT750SMX-2 ACT-ACT750SMX-2 Datasheet
172Kb / 3P
low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
05/04/06
ACT750SMX-4 ACT-ACT750SMX-4 Datasheet
172Kb / 3P
low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
05/04/06
ACT750SMX-4 ACT-ACT750SMX-4_12 Datasheet
135Kb / 2P
low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
18-7-2012
ACT751T-4 ACT-ACT751T-4 Datasheet
179Kb / 2P
available in TCXO and VCTCXO versions
12/10/05
ACT751T-4 ACT-ACT751T-4 Datasheet
373Kb / 3P
Clipped Sine Wave TCXO/VCTCXO
07/10/2013
More results

Similar Description - ACT75VT-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3A01T ACT-ACT3A01T Datasheet
179Kb / 2P
a range of TC/ VCTCXOs
11/08/04
ACT3A04T ACT-ACT3A04T Datasheet
175Kb / 2P
a range of low frequency TC/ VCTCXOs
11/08/04
ACT3A11T ACT-ACT3A11T Datasheet
99Kb / 1P
a range of TC/ VCTCXOs
11/08/04
ACT7VC14 ACT-ACT7VC14 Datasheet
199Kb / 3P
a range of cost competitive VCXOs
08/11/04
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
a range of VCTCXOs
11-10-05
ACT381T-4 ACT-ACT381T-4 Datasheet
87Kb / 1P
a range of four and six pad TCXOs and VCTCXOs
15/11/05
ACT381T ACT-ACT381T Datasheet
92Kb / 1P
ange of four and six pad TCXOs and VCTCXOs
15/11/05
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
ACT3000 ACT-ACT3000 Datasheet
158Kb / 2P
TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
10/08/04
logo
Micron Technology
MT40A1G8WE-075E MICRON-MT40A1G8WE-075E Datasheet
11Mb / 358P
Refresh time of 8192-cycle at TC temperature range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com