Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT90 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT90
Description  miniature surface mount Watch Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT90 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT90 Datasheet HTML 1Page - Advanced Crystal Technology ACT90 Datasheet HTML 2Page - Advanced Crystal Technology ACT90 Datasheet HTML 3Page - Advanced Crystal Technology ACT90 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIMENSIONS (mm)
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered - Registration number 6830/2
Condition
Parameter
Symbol
Nominal Frequency
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Tel :
0044 (0)118 979 1238
Specification
Please specify
-10 ~ +60°C
ACT90 & 91CSMX
fo
32.768KHz
Frequency v Temp Characteristics
Df/fo
Frequency Tolerance @25°C
Df/fo
±20ppm, ±50ppm & 100±ppm
See drawing
Turnover Temperature
Tm
25°C ±5°C
Freq. Temp. coefficient
b
(-3.5± 0.8) x 10
-8/°C2
Temp Storage Range
Tstg
Temp Operating Range
Torp
-40 ~ +85°C
-55 ~ +125°C
Equivalent Series Resistance
ESR
50KΩ @ 25°C
Q' Value
Q
40 x 10
3 min
Please specify
Shunt Capacitance
Co
1.0pF Typical
Motional Capacitance
C1
Load Capacitance
CL
6 ~ 12.5pF
2.1fF Typical
Capacitance Ratio
g
450 Typical
Drive Level
DL
1µ W max - 0.1µW recommended
Insulation Resistance
IR
500MΩ min
@ 100V DC
Aging (first year)
Fa
±5ppm max
@ 25°C ±3°C
Shock Resistance
±5ppm max (Dropped 3 times from 75cm onto
The ACT90 & 91are miniature surface mount Watch Crystal whose low power
consumption makes them ideal for portable applications. Their size makes them
suitable for high density circuit boards or applications where space is limited and the
tape and reel packaging means that they are ideal for automatic placement machines.
The heart of the device is a heat resistant cylinder type crystal which gives them high
stability characteristics sufficient to allow reflow soldering.
Reflow Soldering Condition
Tsol
230°C max, 20 Sec. Max x 2 times
Issue: 7 I3
Date: 16/06/05
Lead Free-RoHS
Comp.
Lead frame material:
Ni/Fe
Pad surface finish:
Sn/Bi


Similar Part No. - ACT90

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9000 ACT-ACT9000 Datasheet
101Kb / 3P
Plastic, SMD controlled clock oscillator.
26/09/05
More results

Similar Description - ACT90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT32P VISHAY-XT32P Datasheet
118Kb / 1P
Surface Mount Watch Crystal
17-Jun-05
logo
List of Unclassifed Man...
ACT201 ETC2-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal whose low power
logo
Advanced Crystal Techno...
ACT2X6HRSMX ACT-ACT2X6HRSMX Datasheet
185Kb / 2P
a miniature surface mount Watch
10/10/06
ACT201 ACT-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal
17/08/04
ACT4115 ACT-ACT4115 Datasheet
217Kb / 2P
miniature surface mount, high density Watch Crystal
08/03/2007
ACTJ206SMX ACT-ACTJ206SMX Datasheet
295Kb / 2P
miniature surface mount Watch Crystal in a cylindrical
23/03/07
logo
Fox Electronics
FSP FOX-FSP Datasheet
78Kb / 1P
ULTRA MINIATURE SURFACE MOUNT WATCH CRYSTAL
logo
Advanced Crystal Techno...
ACT3215A ACT-ACT3215A_12 Datasheet
212Kb / 3P
miniature surface mount high density Watch Crystal
23/07/2012
ACT4115A ACT-ACT4115A Datasheet
281Kb / 3P
miniature surface mount high density Watch Crystal
11-2-2013
ACTJ206SMX ACT-ACTJ206SMX_12 Datasheet
183Kb / 3P
miniature surface mount Watch Crystal in a cylindrical
31-05-2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com