Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT201 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT201
Description  miniature surface mount Watch Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT201 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT201 Datasheet HTML 1Page - Advanced Crystal Technology ACT201 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
Parameter
Symbol
Specification
Condition
Nominal Frequency
fo
32.768KHz
Frequency Tolerance
Δf/fo
±20ppm
@25°C
Frequency v Temp Characteristics
Δf/fo
See drawing
-10 ~ +60°C
Turnover Temperature
Tm
25°C ±5°C
Freq. Temp. coefficient
β
(3.5 ±0.8) x 10-8/°C² max
Temp Operating Range
Topr
-40 ~ +85°C
Temp Storage Range
Tstg
-55 ~ +125°C
Equivalent Series Resistance
ESR
50K
Ω max
@25°C
Shunt Capacitance
Co
1.0pF Typical
Load Capacitance
CL
12.5pF
Motional Capacitance
C1
2.1fF Typical
Drive Level
DL
1
μW max
Insulation Resistance
IR
500M
Ω min
@DC100v
Aging (first year)
Fa
±5ppm
@25°C
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Customer to specify : Frequency Tolerance, Load Capacitance, Operating Temperature Range & Storage Temperature Range
ISO9001:2000 Registered
For quotations or further information please contact us at:
Please note that all parameters can not necessarily be specified in the same device
ACT201
Specification
The ACT201 is a miniature surface mount Watch Crystal whose low power consumption makes it
ideal for portable applications. It’s size makes it suitable for high density circuit boards or
applications where space is limited and the tape and reel packaging means that it is ideal for
automatic placement machines.
The heart of the device is a heat resistant cylinder type crystal which gives it high
stability characteristics sufficient to allow reflow soldering. The epoxy based encapsulation makes it
less porous than the ACT200 and, therefore, better suited to post reflow washing
-20 -10
0
+10 +20 +30 +40 +50 +60
0
-10
-20
-30
-40
-50
-60
Δ f/f (ppm)
Temperature °C
Typical Temperature Characteristics
Suggested F ootprint
8.7 max
3.7 max
5.5
2.5 max
0.5 mm ± 0.1
1.15 ± 0.2
4.2
1.3
1.8
1.0
Dimensions in mm
Issue : 4 I3
Date : 17/08/04
2 of 2


Similar Part No. - ACT201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT201 ETC2-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal whose low power
logo
Advanced Crystal Techno...
ACT2016SMX-4 ACT-ACT2016SMX-4 Datasheet
452Kb / 3P
extremely compact, high quality, low aging, seam welded crystal
06-12-2012
ACT2018SMX-4 ACT-ACT2018SMX-4 Datasheet
213Kb / 2P
extremely compact, high quality, low aging, seam welded crystal
13-9-2012
More results

Similar Description - ACT201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT32P VISHAY-XT32P Datasheet
118Kb / 1P
Surface Mount Watch Crystal
17-Jun-05
logo
List of Unclassifed Man...
ACT201 ETC2-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal whose low power
logo
Advanced Crystal Techno...
ACT2X6HRSMX ACT-ACT2X6HRSMX Datasheet
185Kb / 2P
a miniature surface mount Watch
10/10/06
ACT90 ACT-ACT90 Datasheet
290Kb / 4P
miniature surface mount Watch Crystal
16/06/05
ACT4115 ACT-ACT4115 Datasheet
217Kb / 2P
miniature surface mount, high density Watch Crystal
08/03/2007
ACTJ206SMX ACT-ACTJ206SMX Datasheet
295Kb / 2P
miniature surface mount Watch Crystal in a cylindrical
23/03/07
logo
Fox Electronics
FSP FOX-FSP Datasheet
78Kb / 1P
ULTRA MINIATURE SURFACE MOUNT WATCH CRYSTAL
logo
Advanced Crystal Techno...
ACT3215A ACT-ACT3215A_12 Datasheet
212Kb / 3P
miniature surface mount high density Watch Crystal
23/07/2012
ACT4115A ACT-ACT4115A Datasheet
281Kb / 3P
miniature surface mount high density Watch Crystal
11-2-2013
ACTJ206SMX ACT-ACTJ206SMX_12 Datasheet
183Kb / 3P
miniature surface mount Watch Crystal in a cylindrical
31-05-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com