Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC27B1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC27B1
Description  TRIPLE 3-INPUT NOR GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC27B1 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC27B1 Datasheet HTML 1Page - STMicroelectronics M74HC27B1 Datasheet HTML 2Page - STMicroelectronics M74HC27B1 Datasheet HTML 3Page - STMicroelectronics M74HC27B1 Datasheet HTML 4Page - STMicroelectronics M74HC27B1 Datasheet HTML 5Page - STMicroelectronics M74HC27B1 Datasheet HTML 6Page - STMicroelectronics M74HC27B1 Datasheet HTML 7Page - STMicroelectronics M74HC27B1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2001
s
HIGH SPEED:
tPD = 9ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 27
DESCRIPTION
The M74HC27 is an high speed CMOS TRIPLE
3-INPUT NOR GATE fabricated with silicon gate
C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC27
TRIPLE 3-INPUT NOR GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC27B1R
SOP
M74HC27M1R
M74HC27RM13TR
TSSOP
M74HC27TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC27B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC27B1R STMICROELECTRONICS-M74HC27B1R Datasheet
233Kb / 9P
TRIPLE 3-INPUT NOR GATE
Feb-1993
More results

Similar Description - M74HC27B1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
Triple 3-Input NOR gate
1991 Feb 08
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
TRIPLE 3-INPUT NOR GATE
06-Aug-1997
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
Triple 3-Input NOR Gate
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
Triple 3-Input NOR Gate
logo
STMicroelectronics
74VHC27 STMICROELECTRONICS-74VHC27_04 Datasheet
199Kb / 10P
TRIPLE 3-INPUT NOR GATE
12-Nov-2004
logo
IK Semicon Co., Ltd
IN74HC27A IKSEMICON-IN74HC27A Datasheet
183Kb / 5P
Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
Triple 3-Input NOR Gate
29-Feb-2012
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
Triple 3-Input NOR Gate
31-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com