Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT531VT-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT531VT-4
Description  a range of VCTCXOs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT531VT-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT531VT-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT531VT-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Table 1 Frequency stability v temperature.
The ACT531VT family is a range of VCTCXOs housed in a ceramic package with a metal lid and is seam
welded for good longer term stability. The pads are gold plated and the lid is grounded via the package to
assist with EMI reduction.
Applications include Networking, Ethernet, Audio & Modem Clocks, Set Top Boxes, Phase Locked
Loops, Telecomms, Video Games & many Consumer Applications.
Please specify
+/-4.0ppm
+/-4.5ppm
+/-5.0ppm
+/-2.5ppm
+/-3.0ppm
+/-3.5ppm
Standard
+/-2.0ppm
-30~85°C
-40~80°C
-40~86°C
+/-1.5ppm
http://www.actcrystals.com
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT531VT- 4 VCTCXO (Clipped Sinewave)
-3dBc max - 2nd Harmonic
Please note that all parameters can not necessarily be specified in the same device
-30~70°C
-30~75°C
Phase Noise (Typ)
-115dBc/Hz max @ 100Hz offset
-10dBc max - Other
-80dBc/Hz max @ 10Hz offset
-6dBc max - 3rd Harmonic
Customer to specify : Frequency, Supply Voltage, Frequency Stability, Operating Temperature Range, Linearity & Packag
-140dBc/Hz max @ 10KHz offset
-145dBc/Hz max @ 100KHz offset
-135dBc/Hz max @ 1KHz offset
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
0~50°C
-10~60°C
-10~70°C
-20~70°C
-30~60°C
ISO9001:2000 Registered
For quotations or further information please contact us at:
-30~80°C
±3ppm min at control voltage limit & ±10ppm typical
0.7V p-p min
l
1.0Vp-p min
Start-up Time
Harmonics
Tosc
4mS max
Frequency tuning
Slope / Linearity
Positive / 5 or 10% max
Vout
10K
Ω//10pF
Frequency Stability
Δf/fo
Vin
vs Input Voltage
vs Operating Temp
vs Load
Output Voltage
Supply Current (max)
Iop
Options
Please specify
Please specify
Specification
Temp Storage Range
N/CL
2mA max
Aging
Vcont
Supply Voltage
Output Load
Frequency Tolerance
Control Voltage Range
0 ~ +50°C,
-30 ~ +85°C
Fa
±0.3ppm max for 5% change
±2.5ppm max at room temp
Please refer to Table1
Tstg
Δf/fo
±0.2ppm max for 5% change
Specification
3.0VDC ±5%
l
5.0VDC ±5%
10.00 ~ 40.00 MHz
Temp Operating Range
Parameter
Symbol
Vcc
fo
Frequency Range
Topr
±1ppm / year max @25°C
1.5V ±1.0V
Please specify
Please specify
-40 to +120°C
Issue: 4 D2
Date: 27/09/05
Pad surface material Au
Dimensions(mm)
1 of 2


Similar Part No. - ACT531VT-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT531SMX-4 ACT-ACT531SMX-4 Datasheet
116Kb / 2P
4 pad, high quality, low aging, seam welded packaged crystal.
23/01/06
More results

Similar Description - ACT531VT-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3A01T ACT-ACT3A01T Datasheet
179Kb / 2P
a range of TC/ VCTCXOs
11/08/04
ACT3A04T ACT-ACT3A04T Datasheet
175Kb / 2P
a range of low frequency TC/ VCTCXOs
11/08/04
ACT3A11T ACT-ACT3A11T Datasheet
99Kb / 1P
a range of TC/ VCTCXOs
11/08/04
ACT7VC14 ACT-ACT7VC14 Datasheet
199Kb / 3P
a range of cost competitive VCXOs
08/11/04
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
a range of VCTCXOs
11-10-05
ACT75T-4 ACT-ACT75T-4 Datasheet
121Kb / 2P
a range of TC/ VCTCXOs
15/02/05
ACT381T-4 ACT-ACT381T-4 Datasheet
87Kb / 1P
a range of four and six pad TCXOs and VCTCXOs
15/11/05
ACT381T ACT-ACT381T Datasheet
92Kb / 1P
ange of four and six pad TCXOs and VCTCXOs
15/11/05
ACT3000 ACT-ACT3000 Datasheet
158Kb / 2P
TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
10/08/04
logo
List of Unclassifed Man...
T2301 ETC1-T2301 Datasheet
473Kb / 9P
A range of professional quality tweezers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com