Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8LS Datasheet(PDF) 3 Page - Clarke International

Part # 8LS
Description  8 LITRE HAND SPRAYER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

8LS Datasheet(HTML) 3 Page - Clarke International

  8LS Datasheet HTML 1Page - Clarke International 8LS Datasheet HTML 2Page - Clarke International 8LS Datasheet HTML 3Page - Clarke International 8LS Datasheet HTML 4Page - Clarke International 8LS Datasheet HTML 5Page - Clarke International 8LS Datasheet HTML 6Page - Clarke International 8LS Datasheet HTML 7Page - Clarke International 8LS Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OVERVIEW
SPECIFICATION
Please note that the details and specifications contained herein, are correct
at the time of going to print. However, CLARKE International reserve the right
to change specifications at any time without prior notice.
Dimensions Diameter x Height
180 x 555 mm
Weight
1.43 kg
Volume
8 Litres
Lance Length
550 mm (inc sparay gun)
Hose Length
1.2 m
Piston Material
Metal/polymer



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com