Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT532VT-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT532VT-4
Description  available in TCXO and VCTCXO versions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT532VT-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT532VT-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT532VT-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linearity
10% max
VCTCXO
VCTCXO
VCTCXO
VCTCXO
±5ppm or ±10ppm min ( Over Vc range )
1.65VDC ±1.65VDC
N/CL
Frequency Range
fo
Slope Polarity
Output Waveform
Tuning Adjustment
vs Voltage change
vs Load change
Start up Time
Δf/f
0
0.8V p-p max
10k
Ω / 10pF
Clipped Sine Wave
Positive
Operating Temp Range
Storage Temp Range
Supply Voltage
Supply Current
Vdd
Idd
Output Voltage
See table 1
vs Temperature
Frequency Stability
Please specify
vs Aging
12.000 ~ 26.000 MHz
See table 1
Fa
ACT532T- 4 & ACT532VT-4
Specification
Parameter
Symbol
Specification
Condition
The ACT532T/VT-4 is available in TCXO and VCTCXO versions, both of which are housed
in a 5x3.2mm ceramic package, with a seam sealed metal lid. The metal lid is grounded via
the base to assist with EMC issues and the pads are gold plated. The product is available in
either loose quantities or taped and reeled packaging to cater for both low and high volume
requirements. The devices are very suitable for a variety of Communications and Wireless
Applications.
Please specify whether you require a TCXO or VCTCXO version when ordering.
Output Load
Topr
Vout
Vc
Voltage Control Range
-40~+85
o
c
3.3V ±5%
2.0mA max
3.0mS max, 2mS typ.
Tstg
±0.3ppm ( ± 5% )
Please specify
±1.0ppm per year
±0.3ppm 10k
Ω / 10pF ± 10%
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
Customer to specify :Type, Frequency, Stability, Tuning, Operating Temperature Range, Supply Voltage.
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Please specify
Issue: 2 SK
Date: 12/10/05
Pad Surface Finish : Au over Ni


Similar Part No. - ACT532VT-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT530SMX-2 ACT-ACT530SMX-2 Datasheet
129Kb / 2P
2/4 pad, high quality, low aging 5x3.2mm SMD
24/01/07
ACT530SMX-4 ACT-ACT530SMX-4 Datasheet
129Kb / 2P
2/4 pad, high quality, low aging 5x3.2mm SMD
24/01/07
ACT530SMX-4 ACT-ACT530SMX-4_12 Datasheet
241Kb / 3P
low cost, 4 & 2pad, high quality
19-09-2012
ACT531SMX-4 ACT-ACT531SMX-4 Datasheet
116Kb / 2P
4 pad, high quality, low aging, seam welded packaged crystal.
23/01/06
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
More results

Similar Description - ACT532VT-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4 Datasheet
179Kb / 2P
available in TCXO and VCTCXO versions
12/10/05
ACT752T-4 ACT-ACT752T-4 Datasheet
121Kb / 2P
available in TCXO and VCTCXO versions.
28/10/05
logo
PETERMANN-TECHNIK
M4517 PETERMANN-M4517 Datasheet
139Kb / 3P
HIGH RELIABILITY FOR LOW COST AVAILABLE AS TCXO AND VCTCXO
M4518 PETERMANN-M4518 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST AVAILABLE AS TCXO AND VCTCXO
logo
M.S. Kennedy Corporatio...
MSK5010-33 MSK-MSK5010-33_15 Datasheet
743Kb / 7P
Available in 3.3V, 5.0V and 12.0V versions
MSK5010-50 MSK-MSK5010-50_15 Datasheet
743Kb / 7P
Available in 3.3V, 5.0V and 12.0V versions
MSK5010-120 MSK-MSK5010-120_15 Datasheet
743Kb / 7P
Available in 3.3V, 5.0V and 12.0V versions
MSK5020-33 MSK-MSK5020-33_15 Datasheet
422Kb / 6P
Available in 3.3V, 5.0V and 12.0V versions
MSK5020-120 MSK-MSK5020-120_15 Datasheet
422Kb / 6P
Available in 3.3V, 5.0V and 12.0V versions
logo
Xilinx, Inc
XCS05 XILINX-XCS05 Datasheet
776Kb / 83P
Available in both 5V and 3.3V versions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com